Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FPM3182H-R010JKP

  • AI
    The **FPM3182H-R010JKP** is a specific technical part number, typically associated with high-precision **Potentiometers** (often from manufacturers like ALPS or specialized industrial sensor brands) used for position sensing or user interface control. Below is a breakdown of its electronic characteristics and typical specifications. --- ### 1. Component Overview This component is a **Variable Resistor (Potentiometer)**. It is designed to convert mechanical rotation or position into a proportional electrical voltage change. ### 2. Technical Specifications While exact datasheets can vary by manufacturer, the code generally follows this structural breakdown: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Resistance Value** | 10kΩ ($103$) | The "010" in the suffix typically denotes $10 \times 10^3$ Ohms. | | **Resistance Taper** | Linear (B-type) | "R" often signifies a linear resistance curve. | | **Tolerance** | $\pm 20\%$ | Standard manufacturing variance for the total resistance. | | **Power Rating** | 0.05W - 0.1W | Low power, intended for signal-level sensing, not power driving. | | **Operating Voltage** | 5V - 12V DC | Standard logic level voltages for microcontrollers. | | **Rotational Life** | 10,000 to 100,000 cycles | Depending on the mechanical grade (Industrial vs. Consumer). | --- ### 3. Key Electronic Features * **Three-Terminal Device:** 1. **VCC (Input):** Connected to the supply voltage. 2. **Wiper (Output):** The middle terminal that provides the variable voltage. 3. **Ground:** Connected to the system common. * **High Precision:** The "FPM" series usually indicates a "Film" or "Precision" element, offering better stability over temperature changes compared to carbon-composition types. * **Dust Resistance:** The "K" or "P" suffix often refers to the sealing level (potting or dust-proof housing), making it suitable for automotive or industrial environments. ### 4. Typical Applications * **Automotive Sensors:** Pedal position sensing or climate control knobs. * **Audio Equipment:** Volume or gain control where a specific rotational torque is required. * **Industrial Controls:** Setting parameters on PLCs or motor drives. --- ### 5. Implementation Example To read the value of this part using an Arduino or similar microcontroller, you would use an **Analog-to-Digital Converter (ADC)** pin. ```cpp const int potPin = A0; // Connected to the Wiper terminal int val = 0; void setup() { Serial.begin(9600); } void loop() { val = analogRead(potPin); // Reads 0 to 1023 Serial.println(val); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimensions and mounting style for this part?
    • ⤷ How does the 'R010' suffix specifically define the resistance tolerance?
    • ⤷ Can this part be used in high-vibration automotive environments?