Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FRT-Z3-R

  • AI
    The **FRT-Z3-R** is a specific electronic component, typically categorized as a **rotary damper** or a **gear damper**, often manufactured by companies like **Fuji Latex**. These parts are critical in mechanical-electronic assemblies to control motion through fluid resistance. --- ### 1. Technical Specifications Below are the typical technical parameters associated with the FRT-Z3 series: | Parameter | Specification Details | | :--- | :--- | | **Torque Range** | 2.0 to 5.0 mN·m (Standard) | | **Rotation Angle** | 360° (Continuous rotation) | | **Material** | Polycarbonate (Body), Polyacetal (Gear) | | **Fluid Type** | Silicone Oil | | **Gear Profile** | Standard Involute Gear | | **Operating Temp** | 0°C to 50°C | ### 2. Operating Principle The FRT-Z3-R operates on the principle of **viscous drag**. Inside the small cylindrical housing: * **The Rotor:** A rotating element connected to the external gear. * **The Stator:** The inner walls of the fixed housing. * **The Medium:** High-viscosity silicone oil fills the gap between the rotor and stator. When the gear turns, the silicone oil resists the motion, providing a "soft" or "damped" feel. The "-R" suffix usually denotes the **direction of torque** (Clockwise or Counter-clockwise) or specific gear configurations depending on the manufacturer's datasheet. ### 3. Electronic System Applications While the part itself is mechanical, it is used in electronic devices to provide premium user interface feedback and protect sensitive electronics from kinetic shock: * **CD/DVD/Blu-ray Trays:** Controls the ejection speed to prevent the tray from hitting the mechanical stops too hard. * **Control Panels:** Used in high-end audio equipment for "weighted" volume knobs or slow-opening lids on flip-up interfaces. * **Automotive Electronics:** Used in glove boxes, center consoles, and retractable screen mechanisms to ensure smooth deployment. ### 4. Key Features 1. **Compact Form Factor:** Designed for SMT (Surface Mount) environments or small integrated enclosures. 2. **Maintenance-Free:** The units are sealed; the silicone oil does not leak or require replenishment during the part's lifecycle. 3. **Temperature Sensitivity:** Note that the torque will vary slightly with temperature (viscosity of oil decreases as temperature rises). ---
    ✨ Follow-up Questions
    • ⤷ How does the torque direction (R vs L) affect the installation in a device?
    • ⤷ What are the common failure modes of silicone-based rotary dampers?
    • ⤷ Are there digital alternatives to mechanical dampers for controlling lid motion?