Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FRTD-R-J2-P

  • AI
    The **FRTD-R-J2-P** is a high-precision temperature sensing component, typically classified as a **Platinum Resistance Temperature Detector (RTD)**. These sensors are widely used in industrial and laboratory applications where accurate and stable temperature measurements are required. --- ## 1. Component Overview The part number indicates a specific configuration of a Resistance Temperature Detector, usually following the **Pt100** or **Pt1000** standard. | Feature | Description | | :--- | :--- | | **Sensor Type** | RTD (Resistance Temperature Detector) | | **Material** | Platinum (Pt) | | **Configuration** | Likely a 2-wire or 3-wire thin-film element | | **Standard** | Typically conforms to DIN EN 60751 | --- ## 2. Key Electronic Characteristics The "R-J2-P" suffix in many manufacturers' naming conventions (such as Hayashidenko or similar thermal specialists) provides details on the tolerance and physical build: ### A. Resistance vs. Temperature RTDs operate on the principle that the electrical resistance of metals increases as temperature rises. The relationship is highly linear compared to thermistors. * **Base Resistance:** Usually 100 $\Omega$ at 0°C (Pt100). * **Temperature Coefficient ($\alpha$):** 0.00385 $\Omega$/$\Omega$/°C (Standard European curve). ### B. Tolerance Class (The "J" or "P" Designation) * **Accuracy:** These parts often fall under **Class A** or **Class B** tolerances. * **Class A:** $\pm(0.15 + 0.002|t|)$ °C. * **Class B:** $\pm(0.30 + 0.005|t|)$ °C. ### C. Physical Construction * **Thin Film:** The platinum is deposited onto a ceramic substrate, making it vibration-resistant and fast-reacting. * **Lead Wires:** Usually nickel or platinum-clad Ni wires for high-temperature soldering or welding. --- ## 3. Circuit Integration To read the signal from an FRTD-R-J2-P, it must be integrated into a measurement circuit, such as a **Wheatstone Bridge**. ```python # Conceptual Python code for calculating Temperature from Resistance (Pt100) def resistance_to_temp(R): R0 = 100.0 # Resistance at 0°C alpha = 0.003851 # Simple linear approximation for positive temperatures temperature = (R - R0) / (R0 * alpha) return temperature print(f"Temp for 138.5 Ohms: {resistance_to_temp(138.5):.2f} °C") ``` --- ## 4. Typical Applications 1. **Industrial Automation:** Monitoring motor winding temperatures or bearing heat. 2. **HVAC Systems:** High-accuracy air and liquid temperature monitoring. 3. **Medical Equipment:** Precision incubators and laboratory diagnostic tools. 4. **Automotive:** Exhaust gas or oil temperature sensing.
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range for the FRTD-R-J2-P?
    • ⤷ How do I wire this sensor to an Arduino or PLC?
    • ⤷ What is the difference between Class A and Class B accuracy in this model?