Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FSLM2520-R22

  • AI
    ## Overview of FSLM2520-R22J The **FSLM2520-R22J** is a high-frequency, surface-mount (SMD) wire-wound inductor. It belongs to the FSLM series, which is characterized by its compact size and high reliability for general electronic circuits, particularly in signal processing and resonance applications. --- ### 1. Key Technical Specifications The part number itself defines most of its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The nominal inductance value. | | **Tolerance** | ±5% (J) | The allowable deviation from the nominal value. | | **Case Size** | 2520 (Metric) | Dimensions are 2.5mm x 2.0mm (approx. 1008 inches). | | **DC Resistance (DCR)** | ~0.45 Ω (Max) | Resistance of the wire at 0Hz. | | **Rated Current** | ~450 mA | Maximum continuous current it can handle without overheating. | | **Self-Resonant Frequency** | 450 MHz | The frequency at which the component stops acting as an inductor. | | **Quality Factor (Q)** | 30 (Min) | A measure of the efficiency of the inductor at a specific frequency (25.2 MHz). | --- ### 2. Physical Construction The FSLM2520-R22J is a **Wire-Wound** inductor. This means: * **Core Material:** Usually ferrite or a ceramic composite, providing stability. * **Winding:** Copper wire is wound around the core to achieve the specific inductance. * **Encapsulation:** The component is molded in resin, making it robust against mechanical stress and moisture. --- ### 3. Applications Due to its high Q-factor and stable inductance, this part is commonly used in: 1. **Communication Equipment:** RF tuning circuits and signal filters. 2. **Audio/Visual Devices:** Noise suppression in signal lines. 3. **General Electronics:** Decoupling and impedance matching in high-frequency circuits. --- ### 4. Part Number Breakdown Here is how the code is decoded by engineers: | Segment | Meaning | | :--- | :--- | | **FSLM** | Series Name (Molded Inductor) | | **2520** | Physical Dimensions (2.5mm x 2.0mm) | | **R22** | Inductance Value (R acts as a decimal: 0.22 µH) | | **J** | Tolerance (J = ±5%) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in this size?
    • ⤷ Can this inductor be used for high-power switching power supplies?
    • ⤷ What is the typical operating temperature range for the FSLM series?