Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FTG-7A-R

  • AI
    The **FTG-7A-R** is a specialized high-voltage electronic component, specifically a **Trigger Transformer** (often referred to as a trigger coil). These components are primarily used in circuits that require a high-voltage pulse to ionize a gas, such as in Xenon flash tubes or laser systems. --- ### 1. Key Technical Specifications The FTG-7A-R is designed to convert a low-voltage input pulse into a high-voltage output. Below are the typical electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Trigger Transformer | | **Primary Voltage ($V_{pri}$)** | 200V - 300V | | **Output Voltage ($V_{out}$)** | 6kV - 8kV (Peak) | | **Turns Ratio** | ~1:30 to 1:40 | | **Secondary Resistance** | ~100Ω - 200Ω | | **Primary Inductance** | ~10µH - 25µH | | **Construction** | Encapsulated / PCB Mount | --- ### 2. Functional Description The device operates on the principle of electromagnetic induction. It consists of two windings wrapped around a ferrite core: 1. **Primary Winding:** Connected to a trigger capacitor (usually charged to 200-300V). 2. **Secondary Winding:** Connected to the trigger electrode (the "trigger wire") of a flash tube. 3. **Mechanism:** When a Thyristor or SCR (Silicon Controlled Rectifier) fires, it discharges the capacitor through the primary winding. The rapid change in magnetic flux induces a high-voltage spike (up to 8,000V) in the secondary winding, which ionizes the gas inside the flash tube, allowing the main energy storage capacitor to discharge and create a flash. --- ### 3. Application Areas The FTG-7A-R is commonly found in the following electronic systems: * **Photography:** Professional studio strobes and camera flash units. * **Signaling:** Warning beacons and strobe lights for emergency vehicles or aviation. * **Lasers:** Triggering circuits for flashlamp-pumped solid-state lasers (like Nd:YAG). * **Instrumentation:** Timing lights and high-speed imaging equipment. --- ### 4. Circuit Example The following pseudo-schematic represents how the FTG-7A-R is integrated into a standard trigger circuit: ```text [DC Supply 300V] ----> [Resistor] ----+---- [Trigger Capacitor] | | | [FTG-7A-R Primary] | | +---- [SCR / Switch] ----> GND [FTG-7A-R Secondary] ----------------------> [Flash Tube Trigger Lead] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the FTG-7A-R and the FTG-10A model?
    • ⤷ How do I test if an FTG-7A-R trigger transformer is functioning correctly?
    • ⤷ What are the common causes of failure in trigger transformers?