Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FTR-K3JB024W-NIL

  • AI
    ## Detailed Overview: FTR-K3JB024W-NIL The **FTR-K3JB024W-NIL** is a specialized power relay manufactured by **Fujitsu Components**. It belongs to the FTR-K3 series, which is designed for high-current switching applications, particularly in the energy and industrial sectors. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Rated Coil Voltage** | 24V DC | | **Contact Rating** | 25A (Resistive) / 250V AC | | **Max. Switching Power** | 6,250 VA | | **Contact Material** | Silver Tin Oxide (AgSnO2) | | **Coil Power Consumption** | Approx. 780 mW | | **Dielectric Strength** | 5,000V AC (between coil and contacts) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Characteristics * **High Power Capacity:** Capable of switching up to **25 Amperes**, making it suitable for heavy loads like heaters, motors, and power supplies. * **Safety Compliance:** Designed with a 1.6mm contact gap (in certain sub-models) and high insulation resistance to meet international safety standards (UL, VDE). * **Sealing:** The "W" in the part number typically indicates a plastic sealed construction, protecting the internal components from dust and flux during the soldering process. * **Energy Efficiency:** Despite its high switching capacity, it maintains a relatively low power consumption for the coil. --- ### 3. Pinout and Internal Diagram While the physical layout is a standard Through-Hole (THT) package, the internal logic is simple: ```text [Coil Pin 1] ----( Coil )---- [Coil Pin 2] [Contact Pin A] ----[ / ]---- [Contact Pin B] (Switch) ``` --- ### 4. Typical Applications The FTR-K3 series is frequently found in the following environments: 1. **Solar Inverters:** Used for grid connection and safety disconnection. 2. **EV Charging Stations:** Handling high-current AC paths. 3. **HVAC Systems:** Controlling compressors and heavy-duty fans. 4. **Smart Grids:** Power management and distribution modules.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the FTR-K3JB024W-NIL?
    • ⤷ Can this relay be used for DC load switching above 30V?
    • ⤷ What is the mechanical life expectancy of this relay?