Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • FYA-R032207ZX-3

  • AI
    ### Detailed Overview of the FYA-R032207ZX-3 The **FYA-R032207ZX-3** is a specific electronic component, typically categorized as a **Multi-Color LED Bar Graph Display**. These components are widely used in consumer electronics and industrial equipment to provide visual feedback for levels (such as battery life, signal strength, or volume). --- ### 1. Key Technical Specifications Below are the typical specifications associated with this part number (based on standard industry data for the FYA series): | Feature | Specification | | :--- | :--- | | **Component Type** | LED Bar Graph Array | | **Number of Segments** | 10 Segments | | **LED Colors** | Multi-color (Red, Green, Yellow combinations) | | **Common Pin Type** | Common Cathode or Common Anode (varies by suffix) | | **Operating Voltage** | 1.8V to 2.2V (Typical per segment) | | **Operating Current** | 20mA per segment (Recommended) | | **Dimensions** | Standard DIP (Dual In-line Package) footprint | --- ### 2. Physical Construction The device consists of a row of individual LED chips encapsulated in a rectangular plastic housing. Each segment is isolated to prevent light "bleed" into the adjacent segment. * **Face Color:** Usually Black or Grey to provide high contrast. * **Segment Color:** White when off, specific color when illuminated. * **Terminals:** Metal pins protruding from the bottom for Through-Hole (THT) mounting on a PCB. --- ### 3. Pinout and Circuitry To drive this component, you must treat each segment as an individual LED. Below is a conceptual logic for connecting it to a microcontroller like an Arduino or ESP32. ```cpp // Example: Driving a segment of the Bar Graph const int segmentPin = 9; // Connected to one pin of the FYA-R032207ZX-3 void setup() { pinMode(segmentPin, OUTPUT); } void loop() { digitalWrite(segmentPin, HIGH); // Turn segment ON delay(1000); digitalWrite(segmentPin, LOW); // Turn segment OFF delay(1000); } ``` --- ### 4. Applications The FYA-R032207ZX-3 is commonly found in: 1. **Audio Equipment:** VU meters (Volume Units) showing peak levels. 2. **Instrumentation:** Temperature or pressure gauges. 3. **Power Systems:** Battery charge level indicators. 4. **Networking:** Signal strength indicators for routers. --- ### 5. Installation Precautions * **Current Limiting:** Never connect the segments directly to a power source without **resistors**. Standard values are 220Ω to 470Ω for 5V logic. * **Orientation:** Ensure the "Notch" or "Dot" on the side of the plastic casing matches the PCB layout to avoid reversing polarity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Common Anode and Common Cathode versions of this part?
    • ⤷ How do I calculate the resistor value for a 3.3V system?
    • ⤷ Can this display be multiplexed to save microcontroller pins?