Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • GMC-160-R

  • AI
    The **GMC-160-R** is a specific model of an AC magnetic contactor produced by manufacturers like LS Electric (formerly LG Industrial Systems). These components are essential in industrial automation for switching electrical power circuits. --- ## 1. Technical Specifications The "160" in the model name typically refers to its rated operational current ($I_e$) at a specific voltage range (usually AC-3, 380/440V). | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Current (AC-3)** | 160 Amperes | | **Rated Insulation Voltage ($U_i$)** | 1000V | | **Coil Voltage** | Available in 24V, 110V, 220V, or 440V AC/DC | | **Auxiliary Contacts** | Standard 2NO + 2NC (Normally Open/Closed) | | **Frequency** | 50/60 Hz | | **Mounting Type** | Screw/Bolt mounting | --- ## 2. Key Electronic & Mechanical Parts ### A. The Coil Assembly (Actuator) The "brain" of the contactor. When current passes through the coil, it creates a magnetic field. * **Encapsulated Coil:** Protected against dust and moisture. * **Terminals:** Usually labeled A1 and A2 for power input. ### B. Contact System * **Main Contacts:** Heavy-duty copper or silver-alloy points designed to handle the 160A load. * **Arc Chute:** A series of plates that "quench" or extinguish the electrical arc generated when the contacts open under load, preventing damage. ### C. Magnetic Core * **Fixed Core:** Attached to the base. * **Movable Core (Armature):** Attached to the contact carrier; it moves to close the circuit when the coil is energized. * **Shading Coils:** Small copper rings on the core that prevent "chatter" (vibration) by smoothing the AC magnetic field. --- ## 3. Wiring Configuration The following table outlines the standard terminal layout for this class of contactor: | Terminal Label | Function | Description | | :--- | :--- | :--- | | **L1, L2, L3** | Line Input | Main power source (3-Phase) | | **T1, T2, T3** | Load Output | Connected to the motor or heater | | **A1, A2** | Control Coil | Power for the electromagnet | | **13/14 (NO)** | Auxiliary | Used for signaling or interlocking | | **21/22 (NC)** | Auxiliary | Used for safety or status lights | --- ## 4. Typical Application Example A common use for the GMC-160-R is a **Direct-On-Line (DOL) Motor Starter**. ```python # Conceptual Logic for Motor Control Circuit if Start_Button == PUSHED: Coil_A1_A2 = ENERGIZED Main_Contacts = CLOSED Motor = RUNNING elif Stop_Button == PUSHED or Overload_Trip == TRUE: Coil_A1_A2 = DE_ENERGIZED Main_Contacts = OPEN Motor = STOPPED ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between AC-1 and AC-3 ratings for this contactor?
    • ⤷ Can a GMC-160-R be used for DC motor control?
    • ⤷ Which thermal overload relay is compatible with the GMC-160-R?