Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • GPR-1820HD

  • AI
    The **GPR-1820HD** is a high-performance, heavy-duty linear DC power supply manufactured by GW Instek. It is designed for laboratory and industrial applications requiring high stability and low noise. Below is a detailed breakdown of its electronic components and architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 0 ~ 18V DC | | **Output Current** | 0 ~ 20A | | **Regulation Type** | Linear (Series Pass) | | **Ripple & Noise** | ≤ 1mVrms (5Hz ~ 1MHz) | | **Display Type** | 3.5 Digits LED (Voltage and Current) | --- ### 2. Core Electronic Components & Architecture The GPR-1820HD utilizes a **Linear Series Regulator** design, which differs significantly from modern switching power supplies (SMPS) by emphasizing signal purity over weight efficiency. #### A. Power Transformer The heart of the unit is a massive **Step-Down Toroidal or Laminated Transformer**. * **Function:** Converts AC mains voltage (110V/220V) to a lower AC voltage. * **Significance:** Its size and weight provide excellent galvanic isolation and reduce high-frequency electromagnetic interference (EMI). #### B. Rectification & Bulk Filtration * **Bridge Rectifier:** High-current diode bridges convert the AC secondary output to pulsating DC. * **Filter Capacitors:** Large electrolytic "buffer" capacitors smooth the pulsating DC into a raw DC voltage with low ripple. In a 20A unit, these are typically high-capacitance, high-temperature rated components. #### C. Series Pass Transistors The GPR-1820HD uses multiple **Power Transistors** (typically 2N3055 or similar MJ-series TO-3 metal can types) mounted on a large internal heatsink. * **Mechanism:** These transistors act like variable resistors controlled by an error amplifier. They "drop" the excess voltage to maintain a precise, steady output. * **Thermal Management:** Because this is a linear supply, the transistors dissipate significant heat, managed by a heavy-duty heatsink and a temperature-controlled cooling fan. #### D. Control Circuitry (The Brain) * **Error Amplifier:** An Operational Amplifier (Op-Amp) constantly compares the actual output voltage against a reference voltage. * **Reference Zener/IC:** A high-precision voltage reference (like a TL431 or specialized Zener) ensures the output doesn't drift with temperature. * **Current Shunt:** A low-resistance precision resistor measures the output current to allow for **Constant Current (CC)** mode and overload protection. --- ### 3. Protection Mechanisms The electronic design includes several layers of safety: 1. **Overload Protection:** Limits output current to prevent damage to the internal transistors. 2. **Overvoltage Protection (OVP):** Shuts down the output if a component failure causes the voltage to spike. 3. **Reverse Polarity Protection:** Diodes across the output terminals protect the internal circuits from back-EMF or incorrectly connected batteries. --- ### 4. Comparison: Linear vs. Switching | Feature | GPR-1820HD (Linear) | Standard SMPS (Switching) | | :--- | :--- | :--- | | **Electronic Noise** | Extremely Low (Clean) | Moderate to High (Noisy) | | **Response Time** | Fast (ms) | Slower | | **Weight** | Heavy (approx. 18.5kg) | Light | | **Efficiency** | Low (produces heat) | High |
    ✨ Follow-up Questions
    • ⤷How does the CC/CV crossover mechanism work in the GPR-1820HD?
    • ⤷ What are the specific maintenance requirements for the cooling system?
    • ⤷ Can multiple GPR-1820HD units be connected in series or parallel?