Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • GS-R412

  • AI
    ## Overview of the GS-R412 The **GS-R412** is a step-down (buck) switching voltage regulator module designed and manufactured by STMicroelectronics. It belongs to the GS-R family of high-efficiency DC-DC converters, typically used to provide a stabilized output voltage from a higher unregulated DC input. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5.1V (Fixed) | | **Output Current** | 4A (Continuous) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Package Style** | Vertical Plug-in Module (SIP) | --- ### 2. Internal Electronic Components The GS-R412 is a complete "system-in-package," meaning it contains several integrated components within its housing to simplify circuit design: * **Switching Controller:** An integrated PWM (Pulse Width Modulation) controller that manages the duty cycle to maintain a steady output. * **Power MOSFET:** A high-side power transistor that acts as the primary switch. * **Power Inductor:** A high-quality inductor used for energy storage and filtering to smooth the output current. * **Schottky Diode:** Used as a freewheeling diode to provide a path for the current when the MOSFET is off. * **Input/Output Capacitors:** Built-in electrolytic or ceramic capacitors to reduce voltage ripple. --- ### 3. Pin Configuration The module usually features a multi-pin SIP (Single In-line Package) layout. While you should always consult the specific datasheet for your version, the standard layout includes: 1. **Input (Vi):** Positive DC input supply. 2. **Ground (GND):** Common return path for input and output. 3. **Output (Vo):** Regulated 5.1V output. 4. **Inhibit (Optional):** A pin used to turn the module on or off via logic levels. 5. **Sense (Optional):** Used to compensate for voltage drops over long wires. --- ### 4. Features and Protections The GS-R412 includes several built-in safety features to protect both the module and the connected load: * **Short Circuit Protection:** Automatically limits current or shuts down if the output is shorted. * **Thermal Shutdown:** Protects the internal circuitry from overheating by reducing power or shutting down until it cools. * **Current Limiting:** Prevents damage caused by drawing more than the rated 4A. * **No External Components Required:** In many basic applications, it can operate without any additional external parts, though adding extra capacitors is recommended for high-stability needs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the GS-R412 and the GS-R405?
    • ⤷ How do I calculate the heat dissipation requirements for this module?
    • ⤷ Can the output voltage be adjusted using external resistors?