Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • GSA1.6-R

  • AI
    The **GSA1.6-R** is an electronic component primarily classified as a **Fast-Acting Subminiature Fuse** (specifically a radial-leaded micro fuse). These parts are essential for protecting sensitive electronic circuits against overcurrent conditions. --- ### 1. Key Technical Specifications The electrical characteristics define how the GSA1.6-R behaves under load and fault conditions. | Parameter | Specification | | :--- | :--- | | **Current Rating** | 1.6 Amperes | | **Voltage Rating** | 250V AC | | **Fuse Type** | Fast-Acting (F) | | **Package/Case** | Radial (Circular or Rectangular Micro Fuse) | | **Mounting Type** | Through-Hole (PCB) | | **Termination** | Radial Leaded | --- ### 2. Functional Electronic Characteristics The GSA series, specifically the 1.6A variant, possesses specific electronic behaviors: * **Fast-Acting Response:** Unlike "Slow-Blow" fuses, the GSA1.6-R is designed to open almost instantly when the current exceeds 1.6A. This is critical for protecting semiconductor components that can be destroyed by even brief surges. * **Interrupting Rating:** This represents the maximum current the fuse can safely stop without physically exploding or arcing. Usually, for this series, it is around 35A to 50A at 250VAC. * **Low Internal Resistance:** To minimize voltage drop across the fuse during normal operation, these parts are engineered with high-conductivity alloys. --- ### 3. Physical Construction Understanding the "electronic part" also involves its physical integration: * **Body Material:** Typically made of thermoplastic or ceramic to withstand heat during a fault. * **Leads:** Tin-plated copper leads designed for wave soldering or manual soldering onto a Printed Circuit Board (PCB). * **The "-R" Suffix:** In electronic part numbering, "-R" usually signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. --- ### 4. Common Applications Because of its small footprint and 1.6A rating, it is found in: 1. **Power Supplies:** Protecting the primary or secondary side of AC/DC adapters. 2. **Consumer Electronics:** Inside chargers, LED drivers, and small appliances. 3. **Industrial Controllers:** Protecting I/O ports and sensitive logic boards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between GSA and GST series fuses?
    • ⤷ How do I calculate the proper derating for a 1.6A fuse?
    • ⤷ Can the GSA1.6-R be used in DC circuits as well as AC?