Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HCE-50-R

  • AI
    The **HCE-50-R** is a specific model of an **Encapsulated Toroidal Current Transformer** (CT), typically used for ground fault detection, leakage current monitoring, or precision current measurement in industrial and power electronics applications. Below is a breakdown of its electronic components, specifications, and characteristics. --- ### 1. Core Specifications and Technical Data The HCE-50-R is designed to sense alternating current (AC) by producing a proportional output signal. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Toroidal (Ring) Current Transformer | | **Turns Ratio** | Commonly 1000:1 (varies by specific sub-config) | | **Hole Diameter (ID)** | 50mm (allows for large gauge cables) | | **Material** | High-permeability Silicon Steel or Ferrite core | | **Encapsulation** | Epoxy Resin (UL94-V0 rated flame retardant) | | **Output Type** | Current output or Voltage output (with burden resistor) | --- ### 2. Key Electronic Parts and Construction The device consists of three primary internal "parts" or layers that define its electronic behavior: #### A. The Magnetic Core * **Function:** Concentrates the magnetic flux generated by the primary conductor (the wire passing through the center). * **Composition:** Usually made of laminated grain-oriented silicon steel to minimize eddy current losses and ensure a linear response across the frequency range (50/60 Hz). #### B. Secondary Winding * **Function:** Converts the magnetic flux into a measurable secondary current. * **Component:** Thousands of turns of fine copper magnet wire wrapped uniformly around the core. The "50" in the name often refers to the inner diameter, while the "R" indicates a specific lead wire or resin configuration. #### C. Burden Resistor (Optional/Internal) * **Function:** Some "R" variants include an internal precision resistor. * **Purpose:** This converts the induced current directly into a low-voltage signal (e.g., 0-5V or 0-1V), making it "plug-and-play" for microcontrollers or PLCs without needing external scaling components. --- ### 3. Application Circuitry When integrating the HCE-50-R into an electronic system, the following circuit logic is applied: 1. **Primary Conductor:** The high-current line passes through the center hole. 2. **Secondary Leads:** Two wires exit the resin mold. 3. **Signal Conditioning:** * If it is a current-output type, a **burden resistor** must be placed in parallel with the leads to prevent high-voltage spikes. * An **Op-Amp circuit** is often used to amplify the small signal for ADC (Analog-to-Digital Converter) processing. --- ### 4. Typical Usage Scenarios * **Residual Current Detection (RCD):** Passing both Live and Neutral through the hole; if the sum is not zero, the HCE-50-R detects the leakage. * **Motor Overload Protection:** Monitoring the current draw of industrial motors. * **Energy Management:** Interfacing with smart meters to track power consumption in large buildings.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the HCE-50-R primary conductor?
    • ⤷ Does the 'R' suffix indicate a specific resistance value or RoHS compliance?
    • ⤷ How do I calculate the burden resistor value for a 5V ADC input?