Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HE-R

  • AI
    The **HE-R** series (often referring to specific high-end automotive or industrial relay modules, or specific headphone drivers like the HIFIMAN HE-R series) generally involves high-performance electronic components. In the context of **Power Electronics (Relays)**, "HE-R" typically refers to High-Efficiency, High-Current components. --- ### 1. Core Electronic Components If we examine the "HE-R" as a high-performance **Power Relay** (common in EV charging and solar inverters), the following electronic parts are critical: | Component | Function | Material/Tech | | :--- | :--- | :--- | | **Coil System** | Generates the magnetic field to move the armature. | High-purity Copper windings | | **Contact Points** | Completes the electrical circuit. | Silver Alloy (AgSnO2) for arc resistance | | **Arc Runner** | Directs and extinguishes electric arcs during switching. | Ceramic or Magnetic blow-outs | | **Spring Mechanism** | Ensures rapid separation of contacts to prevent welding. | Stainless steel or Beryllium copper | --- ### 2. Technical Specifications (Typical HE-R Relay) These parts are designed to handle high DC voltages and thermal stress. * **Nominal Voltage:** Usually 12V to 400V DC. * **Contact Resistance:** Extremely low (under 2mΩ) to prevent overheating. * **Dielectric Strength:** High insulation (often >4,000V AC) between the coil and contacts. --- ### 3. Application in Audio (HE-R Headphones) If your inquiry refers to **HIFIMAN HE-R (e.g., R9, R10)** series, the electronic parts shift to acoustic engineering: * **Planar/Dynamic Drivers:** Large diaphragms using "Topology Diaphragm" technology (nanoparticle coating). * **Voice Coil:** Ultra-fine wire used to drive the diaphragm with minimal distortion. * **Connectors:** 3.5mm balanced TRS or proprietary sockets for signal input. --- ### 4. Circuit Diagram Representation A simplified schematic for a relay-based HE-R component: ```mermaid graph LR A[Coil Input +] --> B(Electromagnet) B --> C[Coil Input -] D[Load In] --- E{Contact Switch} E --- F[Load Out] style E fill:#f96,stroke:#333,stroke-width:2px ``` ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the HIFIMAN HE-R headphones or the Panasonic HE-R power relays?
    • ⤷ What are the specific voltage and current requirements for your application?
    • ⤷ Would you like a detailed breakdown of the internal wiring for the HE-R series?