Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HRT30L200DC-R

  • AI
    The **HRT30L200DC-R** is a high-performance power semiconductor component, specifically a **Schottky Barrier Diode** (SBD) designed for high-frequency switching and power rectification applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The part number typically follows standard conventions for high-voltage power rectifiers. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Diode | Fast switching, low forward voltage drop | | **Max Forward Current ($I_F$)** | 30 Amperes | Total current handling capability | | **Max Reverse Voltage ($V_{RRM}$)** | 200 Volts | Peak repetitive reverse voltage | | **Configuration** | Dual / Common Cathode | Usually features two diodes in one package | | **Package Type** | TO-220 or TO-247 | Standard power through-hole packages | | **Forward Voltage ($V_F$)** | ~0.85V to 0.95V | Varies based on load and temperature | --- ### 2. Functional Characteristics * **Low Power Loss:** Because it is a Schottky diode, it features a lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency in power conversion. * **High-Speed Switching:** It has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency Switch Mode Power Supplies (SMPS). * **Thermal Management:** The "DC" designation often refers to the internal dual-chip configuration (Common Cathode), which allows for balanced current distribution and easier heat sinking. * **High Temperature Stability:** Designed to operate at junction temperatures up to 150°C or 175°C. --- ### 3. Circuit Applications This component is commonly used in the secondary side (output rectification) of power delivery systems. 1. **Switch Mode Power Supplies (SMPS):** Used for rectifying high-frequency AC into DC. 2. **Solar Inverters:** Prevents reverse current flow from batteries to panels. 3. **DC-DC Converters:** Acts as a freewheeling diode or rectification element. 4. **Battery Chargers:** Provides high-current rectification with minimal heat generation. --- ### 4. Internal Schematic Representation In most "DC" (Dual Cathode) configurations, the pinout is as follows: ```text Pin 1: Anode 1 Pin 2: Cathode (Common) Pin 3: Anode 2 [ A1 ] --|>|-- [ K ] --|<|-- [ A2 ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the HRT30L200DC-R package?
    • ⤷ How does the forward voltage drop change as the operating temperature increases?
    • ⤷ What is the recommended snubber circuit for this diode in high-frequency applications?