Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HTK-80V330MH10EXQ-R2

  • AI
    The part number **HTK-80V330MH10EXQ-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, typically utilized in automotive and industrial power applications. Based on the alphanumeric coding, this component belongs to a series designed for high reliability and surface-mount technology (SMD). --- ## 1. Technical Specifications Breakdown The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 330 µF (Microfarads) | | **Voltage Rating** | 80V DC | | **Mounting Type** | SMD (Surface Mount Device) / V-Chip | | **Tolerance** | ±20% (Standard for Electrolytic) | | **Operating Temp** | -55°C to +105°C (Standard Industrial/Automotive) | | **Endurance** | Typically 2,000 to 5,000 hours at max temp | | **Series** | HTK (High Temperature / Low ESR series) | --- ## 2. Key Features and Construction The **HTK series** is engineered for demanding environments where stability is critical. * **Low ESR (Equivalent Series Resistance):** Designed to handle high ripple currents without significant internal heating. * **Vibration Resistance:** The "EXQ" suffix often denotes an anti-vibration structure, featuring additional terminal supports to withstand mechanical stress in automotive engines. * **AEC-Q200 Compliance:** Most parts in this category are qualified for automotive use, ensuring high durability against thermal shock and moisture. * **Reflow Soldering Compatible:** The base material is designed to withstand the lead-free reflow soldering process temperatures. --- ## 3. Application Use Cases This specific capacitor (80V, 330µF) is commonly found in the following circuits: ### Power Management Used in **DC-DC Converters** for voltage smoothing and noise decoupling. The 80V rating makes it ideal for 48V automotive systems (providing a safe overhead for voltage spikes). ### Industrial Inverters Acts as a bulk storage capacitor in motor control circuits where space is limited but high capacitance is required. ### LED Lighting Drivers Used in the output stage of high-power LED drivers to stabilize current and prevent flickering. --- ## 4. Part Number Decoding (Typical) * **HTK:** Series Name (High Temp/Low ESR). * **80V:** Rated Voltage. * **330M:** 330 µF capacitance; 'M' stands for ±20% tolerance. * **H10:** Case size code (Diameter x Height, e.g., 10mm x 10.2mm). * **R2:** Packaging code (Taped and Reeled).
    ✨ Follow-up Questions
    • ⤷ What is the ripple current rating for this specific 330uF 80V capacitor?
    • ⤷ Are there specific footprint (PCB layout) recommendations for the H10 case size?
    • ⤷ Can this capacitor be used in 48V Mild Hybrid Electric Vehicle (MHEV) systems?