Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HTS-3E-R

  • AI
    The **HTS-3E-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Humidity and Temperature Sensor**. These sensors are widely used in consumer electronics, HVAC systems, and weather monitoring equipment due to their small footprint and integrated design. --- ### 1. Key Technical Specifications The HTS-3E-R combines a capacitive polymer sensing element with integrated signal conditioning circuitry. | Feature | Specification (Typical) | | :--- | :--- | | **Sensing Type** | Capacitive (Humidity), Thermistor (Temperature) | | **Package Type** | SMD (Surface Mount Device) | | **Supply Voltage** | 3.3V to 5V DC | | **Humidity Range** | 0% to 100% RH | | **Temperature Range** | -40°C to +100°C | | **Output Type** | Analog Voltage or Resistance-based | --- ### 2. Electronic Architecture The "parts" within the HTS-3E-R module work together to translate environmental changes into measurable electrical signals: * **Capacitive Humidity Sensor:** This consists of a polymer dielectric layer between two electrodes. As moisture is absorbed, the dielectric constant changes, altering the capacitance. * **Thermistor:** A high-precision NTC (Negative Temperature Coefficient) resistor is embedded to measure ambient temperature simultaneously. * **Protective Filter:** The top of the component usually features a porous membrane that allows water vapor to pass through while blocking dust and liquid contaminants. * **Contact Terminals:** Usually gold-plated or tin-plated pads on the bottom of the ceramic substrate for soldering onto a PCB. --- ### 3. Application Use Cases Because of its high reliability and compact "R" (Reel) packaging for automated assembly, it is found in: 1. **Smart Home Devices:** Thermostats and humidifiers. 2. **Industrial Logistics:** Data loggers for monitoring perishable goods during shipping. 3. **Automotive:** Climate control systems and windshield defogging sensors. --- ### 4. Circuit Integration (Example) To read data from an HTS-3E-R, it is typically connected to a Microcontroller (MCU) using a voltage divider or an Analog-to-Digital Converter (ADC). ```cpp // Example logic for reading an analog humidity sensor int sensorPin = A0; // Connected to the sensor output float sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); float voltage = sensorValue * (5.0 / 1023.0); // Conversion formula provided in the HTS-3E-R datasheet Serial.println(voltage); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the HTS-3E-R?
    • ⤷ How does the 'R' suffix in the part number affect the packaging?
    • ⤷ What is the typical response time for this humidity sensor?