Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HVF-3A-R

  • AI
    The **HVF-3A-R** is a specialized high-voltage electronic component, typically categorized as a **High-Voltage Reed Relay** or a specialized **High-Voltage Fast-Recovery Diode/Assembly**, often used in industrial power supplies, medical equipment (like X-ray machines), or test instrumentation. Below is a breakdown of its typical technical characteristics and electronic architecture. --- ### 1. Key Technical Specifications The "HVF" series generally refers to High Voltage Fast-switching components. While specific manufacturer datasheets may vary (often produced by companies like *Dean Technology* or *Caddock*), the general parameters are: | Feature | Typical Value/Description | | :--- | :--- | | **Voltage Rating (Vrrm)** | 3,000V (3kV) Peak Inverse Voltage | | **Current Rating (Io)** | 500mA to 1A (depending on ambient cooling) | | **Recovery Time (Trr)** | Fast Recovery (< 500ns) | | **Mounting Type** | Through-hole or Axial Lead | | **Suffix "-R"** | Usually denotes **RoHS Compliance** (Lead-free) | --- ### 2. Core Electronic Components The HVF-3A-R is composed of several internal elements to manage high electrical stress: #### A. Silicon Junctions To achieve a 3kV rating, the device contains multiple silicon p-n junctions stacked in series. This prevents a single junction from succumbing to avalanche breakdown at high potential. #### B. Encapsulation (Potting) The exterior is usually a molded epoxy resin. This material is critical because: * It prevents **arcing** between the leads. * It provides high dielectric strength. * It protects the internal silicon from moisture and contaminants. #### C. Passivation Layer The internal chips are coated with a glass or specialized polymer passivation layer to stabilize leakage currents at high voltages. --- ### 3. Circuit Applications Because of its high voltage handling and fast recovery speeds, the HVF-3A-R is found in specific circuit blocks: 1. **Cockcroft-Walton Multipliers:** Used in the stages of voltage doublers to convert AC to very high DC. 2. **Laser Power Supplies:** Acts as a protection or rectification diode for gas laser excitation. 3. **Electrostatic Precipitators:** Used in air filtration systems to maintain high-voltage grids. 4. **X-Ray Generators:** Manages the high-frequency rectification required for clear imaging. --- ### 4. Handling Precautions When working with the HVF-3A-R, the following electronic design rules apply: * **Creepage and Clearance:** Ensure sufficient PCB spacing between the anode and cathode to prevent surface tracking (sparking across the board). * **Thermal Management:** Even though it handles high voltage, excessive current will generate heat at the junctions; heat sinking via long leads or copper planes is often necessary. * **Reverse Recovery Spikes:** In high-frequency switching, snubbers (RC circuits) may be needed to protect the part from transient voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the specific recovery time (Trr) limits for the HVF series?
    • ⤷ How does the HVF-3A-R compare to standard 1N4007 diodes?
    • ⤷ What are the recommended PCB layout clearances for a 3kV component?