Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HVS-GC-R/K

  • AI
    The **HVS-GC-R/K** series typically refers to a specialized type of High Voltage (HV) Vacuum Contactors or specific circuit breaker components used in industrial power distribution. These units integrate power electronics with mechanical switching to manage high-voltage circuits safely. --- ## 1. Core Electronic & Electrical Components The HVS-GC-R/K system relies on a combination of high-tension insulation and low-voltage control electronics. | Component | Function | Material/Type | |:---|:---|:---| | **Vacuum Interrupter** | The primary switching element where the arc is extinguished. | Ceramic/Glass Enclosure | | **Electromagnetic Coil** | Provides the mechanical force to close or open the contacts. | Copper Winding | | **Rectifier Module** | Converts AC control power to DC for stable coil operation. | Silicon Diodes/Bridge | | **Auxiliary Switches** | Provides feedback signals (Open/Closed status) to the PLC/Control room. | Silver-plated contacts | | **Electronic Control Board** | Manages timing, prevents "chattering," and handles energy saving. | PCB with Integrated Circuits | --- ## 2. Technical Specifications (General) While specific ratings depend on the exact sub-model (R or K), the electronic architecture generally follows these parameters: ### Power Control * **Control Voltage:** Typically ranges from **110V to 220V AC/DC**. * **Operating Frequency:** 50/60 Hz. * **Insulation Level:** Designed for high dielectric strength to prevent electronic interference from the high-voltage side. ### Switching Characteristics * **Response Time:** Fast electronic actuation (usually <100ms). * **Durability:** Electronic components are rated for millions of mechanical operations. --- ## 3. The "R" vs "K" Designation In this series, the electronic configuration often changes based on the latching mechanism: 1. **HVS-GC-K (Mechanical Latched):** * Uses a momentary electronic pulse to close. * Remains closed via a mechanical hook. * Requires a separate "Trip Coil" (electronic solenoid) to open. 2. **HVS-GC-R (Electrically Held):** * Requires constant electronic current to the coil to remain closed. * Features an "economy resistor" or electronic PWM circuit to reduce current once closed (preventing overheating). --- ## 4. Safety and Monitoring Features The electronic assembly includes several protection layers: * **Surge Suppression:** Varistors (MOVs) are integrated into the control circuit to protect the electronics from high-voltage spikes. * **Anti-Pumping Circuit:** Logic that prevents the contactor from rapidly opening and closing if the start signal is held during a fault. * **Terminal Blocks:** High-density connection points for interfacing with external SCADA or protection relays. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences in wiring between the R and K models?
    • ⤷ How does the electronic anti-pumping circuit prevent damage during a fault?
    • ⤷ What is the typical maintenance cycle for the vacuum interrupter in this series?