Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • HVS-HB-R

  • AI
    ## Overview of the HVS-HB-R Series The **HVS-HB-R** is a specialized high-voltage lithium-ion battery module series, typically associated with residential and commercial energy storage systems (ESS). These units are designed to work in conjunction with high-voltage hybrid inverters to manage grid-tie, off-grid, and backup power applications. --- ### Core Electronic Components The electronics within an HVS-HB-R module are divided into two main categories: the **Battery Management System (BMS)** and the **Power Path Electronics**. #### 1. Battery Management System (BMS) Each module contains an internal BMS board responsible for the safety and longevity of the cells. * **Cell Monitoring Unit (CMU):** Monitors individual cell voltages and temperatures. If any cell exceeds predefined limits (over-voltage or under-voltage), the BMS triggers a protection state. * **Balancing Circuitry:** Uses passive balancing (resistor-based) to dissipate excess energy from higher-charged cells, ensuring all cells in the series string reach full capacity simultaneously. * **Integrated Sensors:** Precision NTC (Negative Temperature Coefficient) thermistors are placed throughout the module to monitor thermal runaway risks. #### 2. Communication Interface The system relies on robust communication protocols to interface with the Master BCU (Battery Control Unit) and the Inverter. | Component | Protocol / Port | Function | | :--- | :--- | :--- | | **CAN Bus** | CAN 2.0B | Primary communication with the Hybrid Inverter for SoC/SoH reporting. | | **RS485** | Serial | Internal communication between stacked modules. | | **DIP Switches** | Physical Hex/Binary | Used to set the hardware address of the module in a stack. | #### 3. Protection & Power Electronics These components handle the high-current flow and fault protection. * **DC Contactors / Relays:** High-voltage mechanical or solid-state switches that disconnect the battery from the inverter during a fault or when the system is powered down. * **Current Shunt:** A high-precision, low-resistance resistor used to measure the current flow (Amperes) for calculating the **State of Charge (SoC)** via Coulomb counting. * **Pre-charge Circuit:** Includes a power resistor and a dedicated relay to limit the inrush current when the battery is first connected to the inverter’s capacitors, preventing spark erosion and component damage. * **DC Fuse:** A fast-acting physical fuse (e.g., 40A - 60A rated) integrated into the module to provide hardware-level short-circuit protection. --- ### Technical Specifications Summary | Feature | Description | | :--- | :--- | | **Cell Chemistry** | Lithium Iron Phosphate (LiFePO4 / LFP) | | **Nominal Voltage** | Typically 102.4V per module (series configuration) | | **Operating Voltage Range** | ~80V to 116V per module | | **IP Rating** | IP55 (Protection against dust and water splashes) | --- ### Safety Mechanisms The electronic logic of the HVS-HB-R is programmed to respond to the following events: 1. **Over-Current Protection:** Shuts down the circuit if the discharge rate exceeds the hardware limits. 2. **Short Circuit Protection:** Instantaneous disconnection via the internal fuse and DC relay. 3. **Low Temperature Protection:** Prevents charging below 0°C to avoid lithium plating on the anode, which preserves battery life.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the HVS and HVM electronic configurations?
    • ⤷ How do you troubleshoot a communication error between the HVS-HB-R and a Fronius or SMA inverter?
    • ⤷ Can the firmware of the internal BMS be updated manually?