IA0405-R56MA
AI

The **IA0405-R56MA** is a high-performance **Surface Mount Device (SMD) Power Inductor**, typically utilized in DC-DC converters and power management modules. It belongs to a class of molded power inductors known for their high current density and low profile.
---
## 1. Technical Specifications
The following table summarizes the core electrical and physical characteristics of the IA0405-R56MA:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (DC Resistance)** | Low (Typically < 10-15 mΩ) |
| **Saturation Current (Isat)** | High (Usually 5A - 15A depending on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | Approx. 4.0mm x 4.0mm x 5.0mm (Series dependent) |
| **Shielding** | Magnetically Shielded / Molded Construction |
---
## 2. Key Components & Construction
The "IA0405" prefix usually denotes a specific series of molded inductors. These parts are constructed using advanced materials to handle high-frequency switching.
### A. Core Material
The inductor uses a **Metal Alloy Powder** core. Unlike traditional ferrite cores, metal alloy cores provide a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly when the current increases.
### B. Winding
It utilizes heavy-gauge copper wire, often flat or round, to minimize DC Resistance (DCR). Lower DCR results in higher efficiency and less heat generation during operation.
### C. Shielding
The molded construction acts as a natural magnetic shield. This reduces **Electromagnetic Interference (EMI)**, which is critical in compact electronic devices like smartphones or laptops where components are packed tightly together.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the part's role:
* **IA**: Manufacturer series code (often associated with high-current molded inductors).
* **0405**: Physical dimensions (usually 4.0mm x 4.0mm footprint, with 5.0mm height).
* **R56**: The inductance value. "R" acts as a decimal point, representing **0.56 µH**.
* **M**: Tolerance code, representing **±20%**.
* **A**: Revision or packaging code (Automotive grade or specific reel type).
---
## 4. Typical Applications
The IA0405-R56MA is commonly found in the following circuits:
1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs and GPUs.
2. **Voltage Regulator Modules (VRM):** Used on motherboards for high-speed switching.
3. **Battery Powered Devices:** High efficiency ensures longer battery life.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if "A" denotes automotive grade).
- ⤷
What is the maximum saturation current for the IA0405-R56MA?
- ⤷ How does a molded inductor differ from a standard wire-wound ferrite inductor?
- ⤷ Are there equivalent parts from manufacturers like Vishay or TDK?