Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • IS25LP032A-RBLA2

  • AI
    ## Overview of the IS25LP032A-RBLA2 The **IS25LP032A-RBLA2** is a high-performance, 32-Megabit (4MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems that require high-speed data access, low power consumption, and a compact physical footprint. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 32 Megabits (4 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI (QSPI), and QPI | | **Clock Frequency** | Up to 133 MHz (Single/Dual/Quad) | | **Voltage Supply** | 2.3V to 3.6V | | **Package Type** | 8-contact WSON (6x5mm) or 8-pin SOIC | | **Operating Temperature** | -40°C to +105°C (Automotive Grade A2) | | **Data Retention** | 20 Years | --- ### Core Electronic Features #### 1. High-Speed Performance The device supports **Double Data Rate (DDR)** read operations. In Quad SPI mode, it can achieve a transfer rate of up to **532Mbps** (133MHz x 4), which is comparable to many parallel flash memories but uses fewer pins. #### 2. Advanced Security * **Unique ID:** Each device has a factory-programmed 64-bit unique ID. * **OTP (One-Time Programmable) Blocks:** It contains three 256-byte security registers for sensitive data like encryption keys. * **Hardware Write Protection:** Managed via the WP# pin and status register bits. #### 3. Power Efficiency It is optimized for battery-powered applications with: * **Deep Power Down mode:** Typically < 2μA. * **Active Read current:** ~7mA at 133MHz. #### 4. Architecture The memory is organized into: * **Sectors:** 4KB each (total 1,024 sectors). * **Blocks:** 32KB or 64KB (flexible erase options). * **Pages:** 256 bytes per page for programming. --- ### Pin Configuration (Typical 8-pin Layout) ```markdown 1. /CS - Chip Select (Active Low) 2. SO - Serial Data Output (IO1) 3. /WP - Write Protect (IO2) 4. GND - Ground 5. SI - Serial Data Input (IO0) 6. SCK - Serial Clock 7. /HOLD- Hold / Reset (IO3) 8. VCC - Power Supply ``` --- ### Applications * **Automotive:** Infotainment systems, instrument clusters, and ADAS. * **Industrial:** Smart meters and robotics. * **Consumer:** Wearables, smart home devices, and cameras. * **Networking:** Routers and wireless access points.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IS25LP and IS25WP series?
    • ⤷ How do I configure the device for Quad SPI mode?
    • ⤷ What are the specific timing requirements for the 'Deep Power Down' exit?