Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • IS25LP032A-RGLA2

  • AI
    ## IS25LP032A-RGLA2: Technical Overview The **IS25LP032A-RGLA2** is a high-performance, 32-Megabit (4MB) Serial Flash memory manufactured by ISSI (Integrated Silicon Solution Inc.). It belongs to the **IS25LP** series, which is designed for high-speed data transfer and low power consumption, typically used in automotive, industrial, and consumer electronics. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32 Megabits (4 Megabytes) | | **Interface** | Multi-I/O SPI (Serial Peripheral Interface) | | **Voltage Supply** | 2.3V to 3.6V | | **Max Clock Frequency** | 133 MHz | | **Throughput** | Up to 532 Mbps (in Quad I/O mode) | | **Temperature Range** | Automotive Grade A2 (-40°C to +105°C) | | **Package Type** | 8-contact WSON (6x5mm) | --- ### 2. Electronic Architecture and Modes The device supports several bus widths to optimize speed vs. pin count: * **Standard SPI:** Traditional Single I/O (SI, SO, SCK, CS#). * **Dual I/O:** Doubling throughput using two data lines. * **Quad I/O:** Maximum performance using four data lines. * **QPI (Quad Peripheral Interface):** All instructions, addresses, and data are sent over four lines for reduced latency. ### 3. Core Features * **Fast Read/Write:** Supports Double Data Rate (DDR) read modes. * **Endurance:** Minimum 100,000 Program/Erase cycles. * **Data Retention:** Over 20 years. * **Security:** Features 3x256-Byte Security Registers with OTP (One-Time Programmable) lock. * **Hardware Write Protection:** The `WP#` pin and `HOLD#` pin (or `RESET#`) provide physical control over data integrity. ### 4. Part Number Breakdown (IS25LP032A-RGLA2) Understanding the suffix is critical for procurement and PCB design: | Segment | Meaning | | :--- | :--- | | **IS25LP** | 2.5V/3.0V High Performance Serial Flash | | **032** | 32 Megabit density | | **A** | Product Revision | | **-R** | Package: WSON (6x5mm) | | **G** | RoHS compliant, Halogen-free | | **L** | Automotive Grade | | **A2** | Temperature range: -40°C to +105°C | --- ### 5. Application Code Example Below is a conceptual example of how to interact with the device using a generic SPI library to read the Device ID. ```cpp // Example: Reading the JEDEC ID (9Fh) from IS25LP032A #include #define CS_PIN 10 void setup() { pinMode(CS_PIN, OUTPUT); digitalWrite(CS_PIN, HIGH); SPI.begin(); Serial.begin(9600); // Read Manufacturer and Device ID digitalWrite(CS_PIN, LOW); SPI.transfer(0x9F); // JEDEC ID Command byte manufacturerID = SPI.transfer(0x00); byte memoryType = SPI.transfer(0x00); byte capacity = SPI.transfer(0x00); digitalWrite(CS_PIN, HIGH); Serial.print("Manufacturer ID: "); Serial.println(manufacturerID, HEX); } void loop() {} ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IS25LP and IS25WP series?
    • ⤷ Can this chip be used in Quad-SPI mode with a standard 3.3V microcontroller?
    • ⤷ What are the specific power consumption ratings in Deep Power Down mode?