Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • IS25LP032A-RHLA1

  • AI
    The **IS25LP032A-RHLA1** is a high-performance, 32-Mbit (4MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is widely used in embedded systems for storing boot code, operating systems, and data. --- ### 1. General Specifications The device utilizes a Multi-I/O SPI interface to achieve high data throughput. | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 32 Megabits (4 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI | | **Supply Voltage** | 2.3V to 3.6V | | **Clock Frequency** | Up to 133MHz (Standard) / 266MHz equivalent in Quad SPI | | **Temperature Range** | -40°C to +105°C (Industrial Plus) | | **Package Type** | 8-contact WSON (6x5mm) | --- ### 2. Key Internal Architecture The chip is organized to allow for efficient erasing and programming operations: * **Sector Architecture:** Divided into 4KB sectors. * **Block Architecture:** Divided into 32KB and 64KB blocks. * **Page Programming:** Supports programming up to 256 bytes at a time. * **DTR (Double Transfer Rate):** Allows data to be sampled on both edges of the clock for faster performance. --- ### 3. Pin Configuration (WSON 8-Contact) The RHLA1 suffix indicates the physical package and temperature grade. Below is the typical pinout: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **CE#** | Chip Enable (Active Low) | | 2 | **SO (IO1)** | Serial Data Output (or IO for Dual/Quad) | | 3 | **WP# (IO2)** | Write Protect (or IO for Quad) | | 4 | **GND** | Ground | | 5 | **SI (IO0)** | Serial Data Input (or IO for Dual/Quad) | | 6 | **SCK** | Serial Clock | | 7 | **HOLD# (IO3)** | Hold Input (or IO for Quad) | | 8 | **VCC** | Power Supply | --- ### 4. Part Number Breakdown The suffix `RHLA1` provides specific manufacturing details: * **R:** Package type (WSON 8-contact 6x5mm). * **H:** High Temperature / Automotive grade (-40°C to +105°C). * **L:** Lead-free (RoHS compliant) and Halogen-free. * **A1:** Automotive Grade 2 (AEC-Q100 compliant). --- ### 5. Programming Interface Example To read data from the chip using a standard SPI protocol, the following logic sequence is generally used: ```c // Example pseudo-code for a standard SPI Read void read_flash(uint32_t address, uint8_t *buffer, uint16_t length) { CS_LOW(); // Pull Chip Enable Low SPI_Transfer(0x03); // Standard Read Command SPI_Transfer((address >> 16)); // Send 24-bit address SPI_Transfer((address >> 8)); SPI_Transfer(address); for(int i=0; i
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI and QPI modes for this chip?
    • ⤷ How does the AEC-Q100 qualification impact its use in automotive electronics?
    • ⤷ What is the typical endurance and data retention lifespan of the IS25LP032A?