Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JARP2-CA-R

  • AI
    The **JARP2-CA-R** is a specific electronic component typically associated with industrial automation and control systems, specifically within the **IDEC** product lineup (often related to their relay or pilot device series). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The JARP2-CA-R is generally categorized as a **Terminal Block Relay** or a specialized **Interface Relay**. These devices are used to bridge the gap between low-power control circuits (like a PLC) and high-power load circuits. | Feature | Specification | | :--- | :--- | | **Manufacturer** | IDEC Corporation | | **Component Type** | Relay Terminal / Interface Module | | **Mounting Type** | DIN Rail Mounting | | **Termination Style** | Spring Clamp or Screw Terminal | | **RoHS Status** | Compliant | --- ### 2. Key Electronic Parts & Functions The device consists of several critical internal and external sub-components: #### A. Electromagnetic Coil The "heart" of the device. When voltage is applied, it creates a magnetic field that moves the internal armature. * **Voltage Rating:** Usually 24V DC (standard for industrial logic). * **Power Consumption:** Designed for low power draw to allow direct drive from PLC outputs. #### B. Contacts (Switching Element) These are the physical parts that open or close the circuit. * **Material:** Often silver alloy (AgSnO2) for high conductivity and resistance to welding. * **Configuration:** Typically SPDT (Single Pole Double Throw). * **Rating:** Usually rated for 6A to 10A at 250V AC. #### C. Protection Circuitry (LED & Diode) * **Indication LED:** An integrated LED (often green or red) provides visual feedback on the relay's status. * **Surge Suppression:** Includes a flyback diode or varistor to protect sensitive upstream electronics from "back EMF" (voltage spikes) when the coil is de-energized. --- ### 3. Physical Layout & Dimensions The "CA-R" designation often refers to the specific wiring orientation or the color/type of the indicator. | Part Section | Description | | :--- | :--- | | **Input Terminals** | Connected to the control signal (A1, A2). | | **Output Terminals** | Connected to the load (Common, NO, NC). | | **Release Lever** | A mechanical tab (often red) used to eject the relay from the base. | | **Housing** | UL94V-0 rated flame-retardant plastic. | --- ### 4. Technical Diagram Representation In a schematic, the JARP2-CA-R would be represented as follows: ```mermaid graph LR A[Input 24V DC] --> B[Internal Coil] B --> C[Status LED] D[Load Power] --- E[Relay Contact] E --- F[Device/Motor] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage for the JARP2-CA-R?
    • ⤷ Does this model support spring-clamp or screw terminal wiring?
    • ⤷ Is the relay inside the JARP2-CA-R replaceable or fixed?