Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JARP2-FM-R

  • AI
    The **JARP2-FM-R** is a specific electronic component primarily associated with industrial automation and programmable logic controller (PLC) systems. It is most commonly identified as a **communication or interface module** used within specialized control racks. --- ### 1. General Specifications The JARP2-FM-R is typically part of an interface series designed for high-speed data transmission between field devices and a central processing unit. | Feature | Description | | :--- | :--- | | **Component Type** | Interface Module / Remote I/O Adapter | | **Mounting Style** | Rack mount (specifically for proprietary industrial backplanes) | | **Connectivity** | Fiber Optic or High-speed Serial (depending on sub-revision) | | **Housing** | Modular metal or high-density plastic casing | --- ### 2. Key Electronic Functions The internal circuitry of the JARP2-FM-R performs several critical roles: * **Signal Translation:** It converts physical layer signals (like optical pulses or differential voltage) into logic-level data that the PLC backplane can interpret. * **Isolation:** Industrial environments are prone to electrical noise. These modules often feature **galvanic isolation** to protect the main CPU from voltage spikes on the communication line. * **Protocol Management:** It handles the timing and framing of data packets, ensuring that information from remote sensors arrives in the correct sequence. * **Diagnostic LEDs:** Most versions include onboard status indicators for: * **PWR:** Power supply status. * **RUN/ACT:** Operational or data activity status. * **ERR/ALM:** Fault detection or communication loss. --- ### 3. Connection Interface The "FM" in the part number often signifies a specific mounting or frequency modulation characteristic, while the "R" typically denotes **Remote** or **Redundant** capabilities. ```yaml Pin Configuration (General Example): - Pin 1: VCC (Power Input) - Pin 2: GND (Ground) - Pin 3: Data + (Differential Pair) - Pin 4: Data - (Differential Pair) - Pin 5: Shield/Earth ``` --- ### 4. Common Applications * **Factory Automation:** Connecting distributed I/O racks across a large manufacturing floor. * **Energy Management:** Monitoring substations where long-distance communication is required. * **Process Control:** Integration into DCS (Distributed Control Systems) for chemical or water treatment plants. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible PLC series for the JARP2-FM-R?
    • ⤷ Does this module support fiber optic or copper wiring?
    • ⤷ What are the specific power requirements for this interface module?