Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JCS7N70RC-R-AR

  • AI
    ## JCS7N70RC-R-AR Technical Overview The **JCS7N70RC-R-AR** is an N-Channel enhancement mode power MOSFET. It is designed for high-voltage, high-speed switching applications, commonly used in power supplies and motor controllers. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 700 | V | | Continuous Drain Current | $I_D$ | 7.0 | A | | Gate-Source Voltage | $V_{GSS}$ | ±30 | V | | Static Drain-Source On-Resistance | $R_{DS(on)}$ | 1.1 - 1.3 | Ω | | Total Gate Charge | $Q_g$ | 24 | nC | | Power Dissipation | $P_D$ | 38 - 100* | W | *\*Note: Power dissipation depends significantly on the package type and heat sinking.* --- ### 2. Physical and Structural Features * **Technology:** It utilizes advanced planar stripe DMOS technology, which is optimized to minimize on-state resistance and provide superior switching performance. * **Package Type:** Usually comes in standard power packages like **TO-252 (DPAK)** or **TO-220F**, designed for either surface mount or through-hole cooling requirements. * **Ruggedness:** Features high avalanche energy capability ($E_{AS}$), allowing the device to withstand voltage spikes and inductive loads. --- ### 3. Pin Configuration The device follows the standard MOSFET pinout: 1. **Gate (G):** Controls the biasing of the transistor. 2. **Drain (D):** Connected to the high voltage/load side. 3. **Source (S):** Connected to the ground or common reference. --- ### 4. Common Applications Due to its 700V rating and 7A current capacity, this part is ideal for: * **Switch Mode Power Supplies (SMPS):** Used in the primary switching stage. * **LED Lighting Drivers:** High-voltage DC-DC conversion. * **Uninterruptible Power Supplies (UPS):** Power inversion and regulation. * **Active Power Factor Correction (PFC):** Improving efficiency in AC-DC converters. --- ### 5. Critical Operating Considerations * **Thermal Management:** Because the $R_{DS(on)}$ is relatively high (above 1Ω), the device can generate significant heat at high currents. Adequate heat sinking is mandatory. * **Gate Drive:** Ensure the gate drive voltage is sufficient (typically 10V) to fully saturate the MOSFET and minimize switching losses.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the JCS7N70RC-R-AR?
    • ⤷ How does the RDS(on) value change with temperature for this MOSFET?
    • ⤷ What is the specific package footprint for the 'RC-R-AR' suffix?