Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JFX1-4E-R

  • AI
    The **JFX1-4E-R** is a specific model within the JFX series of **high-current jumper chips** (also known as zero-ohm resistors or shunts) manufactured by **ASJ (ASJ Holdings)**. These components are primarily used to bridge circuit traces in surface-mount technology (SMT) applications where high current carrying capacity and low resistance are critical. --- ### ## Technical Specifications Below is a breakdown of the electronic characteristics of the JFX1-4E-R: | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Component Type** | High Current Jumper (Shunt) | Zero-ohm bridge | | **Case Size** | 2512 (Imperial) | Metric: 6432 | | **Resistance** | < 0.2 mΩ (Max) | Extremely low impedance | | **Rated Current** | 60A - 100A | Depending on PCB heat dissipation | | **Operating Temp** | -55°C to +170°C | High temperature stability | | **Construction** | Metal Plate / Alloy | Robust thermal management | | **RoHS Compliant** | Yes | Lead-free terminations | --- ### ## Key Features 1. **High Power Density:** Unlike standard 2512 zero-ohm resistors that typically handle 2A to 6A, the JFX series uses a solid metal alloy structure to handle significantly higher currents (up to 100A in specific conditions). 2. **Low Inductance:** The flat, metal plate design ensures minimal parasitic inductance, making it suitable for high-frequency power switching applications. 3. **AEC-Q200 Qualified:** These parts are often rated for automotive use, ensuring reliability under heavy vibration and thermal cycling. 4. **Taping and Reel:** The "-R" suffix indicates that the part is supplied in **Tape & Reel** packaging, optimized for automated pick-and-place assembly. --- ### ## Application Scenarios The JFX1-4E-R is typically found in power electronics where a physical bridge is needed between two nodes: * **Power Supplies:** Bridging ground planes or high-current rails. * **Battery Management Systems (BMS):** Connecting high-current cells or protection circuits. * **Motor Controllers:** Routing high-phase currents on a PCB. * **DC-DC Converters:** Serving as a high-current link in modular power designs. --- ### ## Code Example: Thermal Derating Calculation When designing with the JFX1-4E-R, engineers must calculate the power dissipation ($P = I^2R$) to ensure the component does not exceed its maximum temperature. ```python # Simple Python script to check power dissipation current = 60 # Amperes max_resistance = 0.0002 # 0.2 mOhms power_dissipation = (current ** 2) * max_resistance print(f"Power Dissipation at {current}A: {power_dissipation} Watts") # Output: 0.72 Watts (Well within 2512 thermal limits for most PCBs) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile recommendations for the JFX1-4E-R?
    • ⤷ How does the JFX1-4E-R compare to a standard 2512 zero-ohm resistor in terms of current rating?
    • ⤷ What is the maximum surge current capacity for this component?