Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JH24240320ECNUNNTZCWC

  • AI
    Based on the part number **JH24240320ECNUNNTZCWC**, this component is a high-resolution **TFT Liquid Crystal Display (LCD)** module. While part numbers can vary slightly by manufacturer (often associated with brands like JHD or specific industrial display suppliers), the alphanumeric string typically breaks down into technical specifications. --- ## 1. Technical Specifications Overview | Feature | Specification | Description | | :--- | :--- | :--- | | **Display Type** | TFT LCD | Thin-Film Transistor (Active Matrix) | | **Resolution** | 240 x 320 Pixels | QVGA resolution, typically in a portrait orientation | | **Size (Diagonal)** | 2.4 Inch | Common for handheld devices and small instruments | | **Interface** | MCU / SPI | Likely supports 8/16-bit parallel or 3/4-wire Serial Peripheral Interface | | **Backlight** | White LED | Standard high-brightness LED array | | **Touch Panel** | Optional/Capacitive | The "CWC" suffix often indicates a Capacitive Touch Panel (CTP) | --- ## 2. Component Breakdown The part number follows a standard industrial nomenclature: * **JH**: Manufacturer prefix (e.g., JingHao or similar display OEM). * **24**: Refers to the screen size (2.4 inches). * **240320**: Represents the pixel resolution (240 RGB x 320). * **ECN**: Internal revision code for the glass type or driver IC (often an ILI9341 or ST7789V controller). * **CWC**: Usually signifies specialized assembly, such as **C**apacitive Touch, **W**ide viewing angle (IPS), and specific **C**onnector types. --- ## 3. Key Electronic Characteristics ### Driver Integrated Circuit (IC) Small displays of this resolution almost always utilize an onboard controller like the **ILI9341**. This IC handles: * Frame buffering (RAM). * Voltage generation for the LCD gate/source drivers. * Communication protocols with the host MCU (Arduino, STM32, ESP32). ### Connection Method These modules typically use a **FPC (Flexible Printed Circuit)** connector. * **Pins:** Usually 37 to 40 pins. * **Pitch:** 0.5mm standard pitch. ### Optical Features * **IPS Technology:** If the module features "Wide Angle" (often indicated in the ZCWC suffix), it allows for 178-degree visibility without color inversion. * **Luminance:** Typically ranges from 250 to 500 cd/m². --- ## 4. Typical Application Circuit When integrating this part, designers must consider the logic level (usually **3.3V**) and the backlight current-limiting resistor. ```cpp // Example: Pin Mapping for typical 240x320 SPI Display #define TFT_CS 10 #define TFT_RST 9 #define TFT_DC 8 #define TFT_MOSI 11 #define TFT_SCLK 13 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the JH24240320 series?
    • ⤷ Which driver IC is most compatible with this specific part number?
    • ⤷ Does this model require a specific voltage for the LED backlight?