Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • JH395320480BCNRWNFZCWC

  • AI
    Based on the alphanumeric structure of the part number **JH395320480BCNRWNFZCWC**, this appears to be a specialized, high-density **LCD/OLED Display Module** or a custom **Integrated Circuit (IC)** identifier, likely originating from a Chinese manufacturer (common for JH prefixes). While this specific long-string SKU may be unique to a particular vendor's internal inventory system, we can break down the typical electronic components and attributes represented by such codes. --- ### 1. Technical Specification Breakdown Based on standard industry naming conventions for display controllers and microelectronics, here is a functional breakdown of the potential parts involved: | Segment | Possible Meaning | Electronic Function | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to "JingHao" or similar electronic component manufacturers. | | **395** | Physical Size/Series | Could denote a **3.95-inch** diagonal screen size. | | **320480** | Resolution | Indicates a **320 x 480** pixel array (common for HVGA displays). | | **BCN** | Controller/Interface | Likely refers to the **Bus Type** (e.g., 8/16-bit Parallel or SPI). | | **RWNF** | Material Specs | Often denotes **R**oHS compliant, **W**ide temperature, **N**o Flash, etc. | | **ZCWC** | Internal Revision | Batch code or specific backlight/connector configuration. | --- ### 2. Key Electronic Characteristics If this part is an LCD module (as the 320480 resolution strongly suggests), it consists of several sub-components: #### A. The Display Driver IC (DDIC) The "brain" of the part. It translates digital signals from a microcontroller (like an Arduino or ESP32) into voltages that twist the liquid crystals. Common drivers for this resolution include: * **ILI9488** or **ST7796S**. #### B. The Backlight Circuit * Consists of a series of **White LEDs**. * Requires a constant current driver (typically 15-20mA per string). #### C. FPC (Flexible Printed Circuit) * The orange/yellow ribbon cable containing the copper traces for power (VCC), Ground (GND), and data lines (D0-D15). --- ### 3. Application Use Cases Components with this specific footprint are generally found in: * **Industrial Control Panels:** Handheld testing equipment. * **Smart Home Hubs:** Small wall-mounted thermostats or security panels. * **Medical Devices:** Portable monitoring screens. --- ### 4. Implementation Code Example (Generic SPI) If you are trying to interface with this electronic part using a microcontroller, you would typically use a library like `TFT_eSPI`. ```cpp // Example configuration for a 320x480 Display Module #define TFT_WIDTH 320 #define TFT_HEIGHT 480 // Standard Pin Mapping #define TFT_CS 5 // Chip select #define TFT_DC 2 // Data/Command #define TFT_RST 4 // Reset ``` ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the JH series of electronic components?
    • ⤷ What is the specific pinout for the 320480 resolution display module?
    • ⤷ Is this part compatible with 3.3V or 5V logic levels?