K4M51163PC-RBC
AI

The **K4M51163PC-RBC** is a specialized memory chip manufactured by **Samsung Electronics**. It belongs to the **Mobile SDRAM (Synchronous DRAM)** family, designed specifically for low-power handheld devices such as older smartphones, PDAs, and embedded systems.
---
## 1. Technical Specifications Table
The following table breaks down the core technical parameters of the chip:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Samsung Electronics |
| **Memory Type** | Mobile SDRAM (LPSDR) |
| **Density** | 512 Megabit (Mb) |
| **Organization** | 8M x 16-bit x 4 Banks |
| **Voltage (VDD/VDDQ)** | 1.8V / 1.8V |
| **Speed / Frequency** | 166 MHz (at CL3) |
| **Package Type** | 54-ball FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temperature** | -25°C to 85°C (Extended) |
---
## 2. Key Features and Architecture
### Power Efficiency
As a "Mobile" DRAM, its primary advantage over standard SDRAM is power consumption. It operates at **1.8V**, significantly lower than the 3.3V used by standard PC SDRAM. It also includes specific power-saving modes:
* **PASR (Partial Array Self Refresh):** Refreshes only the part of the memory containing data.
* **TCSR (Temperature Compensated Self Refresh):** Adjusts refresh rates based on the chip's temperature.
* **Deep Power Down (DPD):** A state that minimizes current leakage when the device is idle.
### Data Organization
The chip is organized into **4 banks**. This multi-bank architecture allows for "interleaving," where one bank can be precharged while another is being accessed, reducing latency and increasing data throughput.
---
## 3. Part Number Decoder
Samsung's nomenclature provides specific details about the component:
* **K4M**: Samsung Mobile SDRAM.
* **51**: 512Mb Density.
* **16**: x16 bit Data Bus width.
* **3**: 4 Banks.
* **P**: Interface (LVCMOS) / Power (Low Power).
* **C**: Generation (Revision).
* **R**: Package Type (FBGA).
* **BC**: Speed (6.0ns @ CL3, roughly 166MHz).
---
## 4. Typical Applications
Due to its 1.8V logic and FBGA packaging, this part is commonly found in:
1. **Legacy Mobile Devices:** Early Windows Mobile or Symbian-based handhelds.
2. **Embedded Systems:** Industrial controllers requiring low-power volatile memory.
3. **GPS Units:** Portable navigation systems.
4. **Digital Cameras:** Buffer memory for image processing.
- ⤷What are the equivalent replacement parts for the K4M51163PC-RBC?
- ⤷ How does 1.8V Mobile SDRAM compare to modern LPDDR4 memory?
- ⤷ Can this chip be used in a 3.3V logic system with level shifters?