Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • KAC-AD6-R

  • AI
    The **KAC-AD6-R** is an addressable input module (often referred to as a "Single Input Module" or "Switch Monitor") primarily used in fire alarm systems, specifically designed to interface with **KAC** and **Morley-IAS** protocol panels. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the KAC-AD6-R: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 15V to 30V DC (Loop Powered) | | **Quiescent Current** | ~350μA (Typical) | | **Alarm Current** | ~2.8mA (LED On) | | **Communication Protocol** | Addressable (Analog) | | **End of Line (EOL)** | 47kΩ Resistor | | **Operating Temperature** | -10°C to +60°C | --- ## 2. Key Electronic Components & Functions ### A. The Addressable ASIC The heart of the module is an **Application-Specific Integrated Circuit (ASIC)**. This chip manages the digital communication with the Fire Alarm Control Panel (FACP). It translates the analog voltage state of the input circuit into a digital data packet sent via the signaling line circuit (SLC). ### B. Rotary Addressing Switches Unlike some modern modules programmed via software, the KAC-AD6-R typically uses **two rotary switches** (decadic switches) to set the module's unique address. * **Switch 1:** Tens digit (0-9) * **Switch 2:** Units digit (0-9) * *Example:* Setting Tens to 2 and Units to 5 assigns address 25. ### C. Input Monitoring Circuit The module monitors a single circuit of dry-contact devices (e.g., flow switches, pressure switches, or non-addressable pull stations). * **Supervision:** It uses an **End-of-Line (EOL) resistor**. * **Logic:** The electronics detect three states: 1. **Normal:** Correct resistance detected. 2. **Alarm:** Short circuit (via a trigger resistor). 3. **Fault:** Open circuit (wire cut). ### D. Integrated LED Indicator A built-in LED provides visual feedback of the module's status: * **Blinking (Green/Red):** Communication polling from the panel. * **Steady Red:** Alarm/Active state. --- ## 3. Wiring Configuration The electronics are designed for a simple 4-terminal connection: ```text [ LOOP IN + ] --- [ Terminal 1 ] [ LOOP IN - ] --- [ Terminal 2 ] [ INPUT + ] --- [ Terminal 3 ] --- (External Switch) --- [ 47k EOL ] [ INPUT - ] --- [ Terminal 4 ] ------------------------- [ 47k EOL ] ``` --- ## 4. Applications The KAC-AD6-R is electronically designed to integrate non-addressable hardware into an intelligent loop: * Monitoring **sprinkler flow switches**. * Interfacing **extinguishing system** status. * Monitoring **fire shutters** or damper positions.
    ✨ Follow-up Questions
    • ⤷ What is the specific EOL resistor value required for the KAC-AD6-R?
    • ⤷ How do you set the address on this module manually?
    • ⤷ Is the KAC-AD6-R compatible with all addressable fire panels?