Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • KCE-5D-R/

  • AI
    The **KCE-5D-R** is a specific model of a **Solid State Relay (SSR)**, typically manufactured by companies like **Kyotto** or similar industrial electronics providers. It is designed to act as an electronic switch that uses semiconductors rather than mechanical contacts to control a load. --- ### 1. Key Technical Specifications The model name "KCE-5D-R" follows a standard nomenclature for industrial relays. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Control Voltage (Input)** | 3 - 32 VDC (Standard DC Logic) | | **Load Voltage (Output)** | 5 - 60 VDC (Approximate range) | | **Rated Load Current** | 5 Amperes | | **Switching Element** | MOSFET or Power Transistor | | **Mounting Type** | PCB Mount (Through-hole) | --- ### 2. Electronic Component Breakdown A Solid State Relay like the KCE-5D-R consists of three main internal stages: 1. **Input Circuit (Control Side):** * Contains an internal resistor to limit current. * Works with low-power signals (like those from an Arduino, PLC, or microcontroller). 2. **Opto-Isolation (Protection):** * Uses an **Optocoupler** (an LED and a phototransistor). * This ensures there is no electrical connection between the high-voltage load and the sensitive control circuit, protecting the controller from surges. 3. **Output Circuit (Switching Side):** * Uses a **MOSFET** or **BJT** to handle the DC load. * Because it is a DC-to-DC relay, it does not have "Zero-Crossing" detection (which is only for AC), allowing for high-speed switching and PWM (Pulse Width Modulation) compatibility. --- ### 3. Advantages of the KCE-5D-R Unlike traditional mechanical relays, the KCE-5D-R offers several electronic benefits: * **No Moving Parts:** Eliminates contact bounce and physical wear, leading to a much longer lifespan. * **High Speed:** Can switch on and off in microseconds, making it suitable for precise control. * **Silent Operation:** No "clicking" sound during operation. * **Low Trigger Current:** Can be driven directly by digital logic gates. --- ### 4. Implementation Pinout (Typical) * **Pins 1 & 2 (Input):** Connected to the control signal (Note the polarity: + and -). * **Pins 3 & 4 (Output):** Connected in series with the DC load and the power supply. > **Caution:** Since this is a DC SSR, you must observe correct polarity on both the input and output sides. Reversing polarity on the output can prevent the relay from turning off or cause damage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current for the KCE-5D-R?
    • ⤷ Can I use this relay to control an AC motor?
    • ⤷ Does this model require an external heatsink for a 5A load?