Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • KSF-C3-R

  • AI
    The **KSF-C3-R** is an electronic component primarily classified as a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide physical feedback to the user upon actuation. --- ### 1. Key Technical Specifications The "KSF" series is known for its compact, surface-mount (SMT) design. Below are the typical technical parameters associated with this specific part: | Parameter | Typical Value / Description | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuator Style** | Round / Button | | **Contact Material** | Silver-plated (usually) | | **Operating Force** | Ranges typically between 1.3N to 3.0N | | **Life Cycle** | 100,000 to 500,000 cycles | | **Termination** | Gullwing (R-suffix often indicates Tape & Reel packaging) | --- ### 2. Component Structure The KSF-C3-R consists of several internal layers that ensure electrical connectivity and tactile "click" sensation: * **Actuator:** The top part that the user presses. In the C3 variant, this is usually a specific height (e.g., 3.1mm or similar). * **Contact Dome:** A stainless steel or copper alloy dome that collapses when pressed, completing the circuit. * **Base/Housing:** High-temperature plastic capable of withstanding lead-free reflow soldering. * **Terminals:** Leads that connect the switch to the PCB (Printed Circuit Board). --- ### 3. Usage & Applications Because of its small footprint and reliability, the KSF-C3-R is found in: 1. **Consumer Electronics:** Remote controls, smart home devices, and wearable tech. 2. **Automotive:** Dashboard buttons, steering wheel controls, and key fobs. 3. **Medical:** Portable diagnostic equipment and control panels. --- ### 4. Part Number Breakdown (Typical) While naming conventions can vary slightly by manufacturer (often C&K or similar vendors), the breakdown generally follows this logic: * **KSF:** Series identifier (Compact tactile switch). * **C:** Actuator type/material (often denotes a specific plastic or metal cover). * **3:** Height or Force code (3mm height or specific Newton force). * **R:** Packaging (Refers to **RoHS compliant** or **Tape & Reel** for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact actuation force required for the KSF-C3-R?
    • ⤷ Is the KSF-C3-R compatible with standard reflow soldering temperatures?
    • ⤷ What are the footprint dimensions for PCB layout design?