Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • KTS-R-100

  • AI
    The **KTS-R-100** is a specific model of high-performance industrial fuse manufactured by **Eaton Bussmann**. It belongs to the **Limitron™** family and is designed for high-speed response to short circuits. --- ### 1. Technical Specifications The following table outlines the core electronic and mechanical parameters of the KTS-R-100: | Feature | Specification | | :--- | :--- | | **Current Rating** | 100 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Class** | Class RK1 | | **Fuse Type** | Fast-Acting / Current Limiting | | **Body Material** | Melamine (Fiberglass) tube | | **Terminal Material** | Silver-plated brass/copper caps | --- ### 2. Key Electronic Characteristics #### A. Fast-Acting Response Unlike "Time-Delay" fuses (which allow brief surges for motor starting), the KTS-R-100 is **Fast-Acting**. It is designed to open almost instantaneously when it detects an overcurrent. This makes it ideal for protecting sensitive electronic components that cannot withstand prolonged surges. #### B. Current Limiting (RK1 Designation) The "R" in the model name indicates it is a **Class RK1** fuse. - **High Limitation:** It limits the amount of "let-through" energy during a short circuit better than RK5 fuses. - **Circuit Protection:** By limiting the peak current, it prevents magnetic and thermal stress from damaging downstream equipment like busbars and breakers. #### C. High Interrupting Capacity With a rating of **200kA**, this fuse can safely extinguish an internal arc even in high-energy industrial environments without exploding or causing a fire. --- ### 3. Physical Dimensions & Form Factor The KTS-R-100 uses the standard dimensions for a 100A, 600V Class R cartridge fuse: | Dimension | Value (Approx.) | | :--- | :--- | | **Length** | 7.88 inches (200 mm) | | **Diameter** | 1.11 inches (28 mm) | | **Mounting** | Cartridge / Blade-style terminals | --- ### 4. Typical Applications * **Branch Circuit Protection:** Standard industrial power distribution. * **Non-Inductive Loads:** Resistance heaters and lighting circuits. * **Sensitive Electronics:** UPS systems, rectifiers, and solid-state devices where fast interruption is critical. * **Panelboards:** Used in mains or feeders where high fault currents are possible. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between KTS-R (Class RK1) and FRN-R (Class RK5) fuses?
    • ⤷ Can a KTS-R-100 fuse be used in a 480V circuit?
    • ⤷ Is there a time-delay equivalent for the KTS-R series?