Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • KTS-R-600

  • AI
    The **KTS-R-600** is a high-performance, industrial-grade fuse belonging to the **Limitron™** series manufactured by Bussmann (Eaton). It is designed for high-speed response to short circuits and is classified as a **Class RK1** fuse. --- ### ## Technical Specifications Below are the primary electrical characteristics of the KTS-R-600: | Feature | Specification | | :--- | :--- | | **Current Rating** | 600 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Type** | Fast-Acting / Current Limiting | | **Material** | Melamine tube with silver-plated end caps | --- ### ## Core Electronic Characteristics ### 1. Current Limiting Ability The KTS-R-600 is "current limiting," meaning it can interrupt a fault current before it reaches its first peak. This significantly reduces the **Thermal Energy ($I^2t$)** and **Magnetic Force** that could otherwise damage downstream components like controllers, bus bars, or circuit breakers. ### 2. Fast-Acting Response Unlike time-delay fuses (which allow for temporary motor inrush currents), the KTS-R is **fast-acting**. It is designed to open almost instantaneously when it detects an overload or short circuit, making it ideal for resistive loads or sensitive electronic equipment. ### 3. Rejection Feature As a Class RK1 fuse, it features a physical notch in the blade. When used with a Class R fuse block, this prevents the installation of lower-rated fuses (like Class H or K) into the same holder, ensuring the integrity of the high-protection circuit. --- ### ## Common Applications * **Main Service Switches:** Used in large industrial electrical panels. * **Branch Circuit Protection:** Protecting specific legs of a distribution network. * **Non-Inductive Loads:** Ideal for electric heating systems or lighting circuits where motor start-up surges are not present. * **Critical Infrastructure:** Used where extremely high fault currents (up to 200kA) are possible. --- ### ## Comparison: KTS-R (RK1) vs. FRN-R (RK5) | Feature | KTS-R (RK1) | FRN-R (RK5) | | :--- | :--- | :--- | | **Speed** | Fast-Acting | Time-Delay | | **Current Limitation** | Superior (Lowest let-through) | Moderate | | **Best Use** | Sensitive Electronics / Distribution | Motors / Transformers |
    ✨ Follow-up Questions
    • ⤷What is the difference between KTS-R and KTN-R fuses?
    • ⤷ Can a KTS-R-600 be used in a circuit with a motor load?
    • ⤷ How does the 200kA interrupting rating impact safety in industrial settings?