L3-R22-10
AI

The **L3-R22-10** is a specific type of **Power Inductor**, commonly used in surface-mount technology (SMT) applications. It is designed to store energy in a magnetic field when electric current flows through it.
### 1. Part Number Breakdown
Typically, manufacturers follow a standard nomenclature for these components:
| Component Segment | Definition | Description |
| :--- | :--- | :--- |
| **L3** | Series/Case Size | Refers to the physical dimensions (e.g., 3mm x 3mm). |
| **R22** | Inductance Value | **0.22 µH** (R acts as a decimal point). |
| **10** | Tolerance | Usually indicates **±10%** tolerance. |
---
### 2. Core Technical Specifications
While exact specs vary by manufacturer (such as Sumida, TDK, or Bourns), a typical **R22** (0.22µH) inductor in this class features:
* **Inductance:** 0.22 Microhenries (µH).
* **DCR (DC Resistance):** Very low (typically in the range of 5mΩ to 15mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High current capacity, often ranging from 5A to 15A depending on the body size.
* **Operating Temperature:** Generally rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
---
### 3. Internal Construction
The electronic parts of this inductor consist of:
1. **Magnetic Core:** Usually made of Ferrite or Metal Alloy powder. This enhances the magnetic flux and defines the saturation limits.
2. **Copper Winding:** A flat or round copper wire wound around the core. In "R22" models, the number of turns is low to achieve low inductance.
3. **Terminations:** Solder pads (usually tin-plated) located on the bottom for PCB mounting.
4. **Shielding:** Most L3 series inductors are **shielded**, meaning the magnetic field is contained to prevent interference with nearby components (EMI).
---
### 4. Common Applications
Due to its low inductance and high current handling, the L3-R22-10 is primarily used in:
* **DC-DC Converters:** Buck or Boost converters in smartphones and laptops.
* **Voltage Regulator Modules (VRM):** Providing stable power to CPUs/GPUs.
* **High-Frequency Switching:** Suitable for circuits operating in the 1MHz to 5MHz range.
---
- ⤷
What are the physical dimensions of the L3-R22-10 package?
- ⤷ Can I substitute an R22 inductor with a higher value like 1R0 in a DC-DC circuit?
- ⤷ Which manufacturers currently produce the L3 series inductors?