Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • L3060G-AF5-R

  • AI
    ## Overview of the L3060G-AF5-R The **L3060G-AF5-R** is an N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, power management, and DC-DC conversion. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 6.0 | Amperes (A) | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$20 | Volts (V) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 30 - 45 (max) | m$\Omega$ | | **Package Type** | SOT-25 | - | - | --- ### 2. Functional Characteristics * **Low On-Resistance:** The low $R_{DS(ON)}$ minimizes power loss due to heat during the "on" state, making it ideal for battery-operated devices. * **Fast Switching:** Optimized for high-frequency switching applications, reducing switching losses. * **Low Threshold Voltage:** Designed to be driven by logic-level signals, meaning it can be fully turned on by low-voltage microcontrollers. * **Halogen-Free:** The "-R" suffix usually denotes compliance with environmental standards (RoHS and Halogen-free). --- ### 3. Pin Configuration (SOT-25) In a standard SOT-25/SOT-23-5 package, the pinout is generally structured as follows: 1. **Gate (G):** Controls the flow of current between Drain and Source. 2. **Source (S):** The terminal where current leaves the channel. 3. **Drain (D):** The terminal where current enters the channel. 4. *(Note: Pins 4 and 5 are often internally connected to the Drain to improve thermal dissipation and current handling.)* --- ### 4. Typical Applications The L3060G-AF5-R is commonly integrated into the following circuits: * **Load Switching:** Used to connect/disconnect power to specific sub-systems. * **PWM Control:** Used in motor drivers or LED dimming circuits. * **DC-DC Converters:** Buck or Boost converters where high efficiency is required. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for mobile electronics. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **L3060** | Series/Model Number (30V, 6A Capability) | | **G** | Halogen-Free / Green Material | | **AF5** | Package Code (SOT-25) | | **R** | Tape and Reel (Packaging Method) |
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent MOSFETs for the L3060G-AF5-R?
    • ⤷ How does the SOT-25 package compare to the SOT-23 for thermal management?
    • ⤷ What is the maximum power dissipation (Pd) allowed for this specific part?