L4075L-AF5-R
AI

Based on the part number **L4075L-AF5-R**, this component is a **low-dropout (LDO) linear regulator** typically manufactured by UTC (Unisonic Technologies Co., Ltd).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The L4075 series is designed for low-power, high-precision applications. It is commonly used in battery-powered devices where low quiescent current and a small footprint are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | CMOS Low Dropout Regulator (LDO) |
| **Output Voltage** | 0.75V (Fixed) |
| **Output Current** | 300mA to 500mA (depending on thermal conditions) |
| **Package Type** | SOT-25 (AF5) |
| **RoHs Status** | Halogen Free / Lead Free (R) |
---
### 2. Part Number Breakdown
The suffixing follows UTC’s naming convention:
| Code Segment | Meaning |
| :--- | :--- |
| **L4075** | Model series (0.75V Fixed Output) |
| **L** | Lead-free plating |
| **AF5** | Package Code: SOT-25 (also known as SOT-23-5) |
| **R** | Packing Code: Tape & Reel |
---
### 3. Pin Configuration (SOT-25)
Standard configuration for the AF5 package:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground.
3. **EN (CE)**: Chip Enable (High = On, Low = Shutdown).
4. **NC/BP**: No connection or Bypass capacitor (used to reduce noise).
5. **VOUT**: Regulated Output Voltage.
---
### 4. Key Electrical Characteristics
* **Low Quiescent Current:** Typically in the range of 25µA to 50µA, extending battery life in standby modes.
* **High PSRR:** Excellent Power Supply Rejection Ratio, making it suitable for noise-sensitive RF or audio circuits.
* **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation (typically <200mV at full load).
* **Protection Features:**
* **Over Current Protection (OCP):** Limits output current to prevent damage during shorts.
* **Thermal Shutdown (OTP):** Shuts down the IC if the junction temperature exceeds safe limits.
---
### 5. Application Circuits
To ensure stability, LDOs like the L4075 require external capacitors.
```c
// Typical Setup:
[Input Source] ---> [C_in: 1uF] ---> [VIN Pin]
[VOUT Pin] ---> [C_out: 1uF] ---> [Load]
[EN Pin] ---> [Logic High/Low]
[GND Pin] ---> [System Ground]
```
- ⤷
What is the maximum input voltage for the L4075 series?
- ⤷ Can I substitute the AF5 package with a SOT-89 package?
- ⤷ How does the 'Enable' pin affect power consumption in sleep mode?