Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LA2284AL-SM2-R

  • AI
    The **LA2284AL-SM2-R** is a monolithic integrated circuit designed for use as a **5-dot LED level meter driver**. It is commonly used for visual signal strength indication in audio equipment, such as VU meters or battery level indicators. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Function** | 5-dot LED Level Meter Driver | | **Operating Voltage** | 3.5V to 16V DC | | **Package Type** | SOP-9 (Surface Mount) | | **Input Signal** | Logarithmic scaling (Audio/AC or DC) | | **Output Current** | Constant current (approx. 15mA per LED) | | **Temperature Range** | -20°C to +80°C | --- ### 2. Internal Components & Pinout The IC integrates several electronic stages into a single chip to minimize external component count: 1. **Input Amplifier:** Buffers and amplifies the incoming signal. 2. **Rectifier & Peak Detector:** Converts AC audio signals into a DC voltage level. 3. **Comparator Array:** Five internal comparators set at different voltage thresholds. 4. **Constant Current Drivers:** Ensures LEDs maintain consistent brightness regardless of supply voltage fluctuations. #### Pin Configuration (SOP-9) 1. **Vcc:** Positive power supply. 2. **Input:** Signal entry point. 3. **GND:** Common ground. 4. **ALC/Level:** Gain control or reference adjustment. 5. **LED 1 - 5:** Output pins to drive the cathodes of the LEDs. --- ### 3. Application Circuit Features To utilize the LA2284AL-SM2-R effectively, the following external parts are typically required: * **Capacitors:** Used for DC blocking at the input and for smoothing the peak detector response (time constant). * **Resistors:** Used to set the gain of the internal amplifier. * **LEDs:** Usually arranged in colors (e.g., 3 Green, 1 Yellow, 1 Red) to indicate "Normal" vs "Clipping" levels. ### 4. Distinctive Advantages * **Wide Supply Range:** Can operate on a 5V USB rail or a 12V automotive system. * **No External LED Resistors:** Because the IC uses constant current outputs, you do not need individual resistors for each LED. * **Logarithmic Compression:** The internal scale is designed to mimic human hearing (decibel scale) rather than a linear voltage scale. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LA2284 and the KA2284?
    • ⤷ How do I calculate the input sensitivity for this IC?
    • ⤷ Can this IC be used to monitor lithium battery voltage levels?