Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LA5521D

  • AI
    ## Technical Overview of the LA5521D The **LA5521D** is a monolithic integrated circuit (IC) primarily designed for **low-voltage DC motor speed control**. It is commonly found in battery-operated consumer electronics such as portable cassette players, micro-recorders, and small motorized toys. --- ### 1. Key Features and Specifications The LA5521D is characterized by its wide operating voltage range and high stability against temperature fluctuations. | Feature | Specification / Value | |:---|:---| | **Package Type** | DIP-8 (Dual In-line Package) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 8.0V | | **Quiescent Current** | 1.0 mA (Typical) | | **Reference Voltage** | 1.2V | | **Maximum Output Current** | 700 mA | | **Temperature Stability** | Excellent (approx. 0.05%/°C) | --- ### 2. Internal Block Components The IC integrates several electronic stages into a single silicon chip to manage motor performance: * **Reference Voltage Generator:** Provides a stable baseline voltage (1.2V) to compare against the motor's back EMF. * **Error Amplifier:** Compares the reference voltage with the feedback from the motor to adjust power delivery. * **Current Limiter:** Protects the IC from over-current conditions if the motor stalls. * **Power Transistor:** An internal NPN power stage capable of driving the motor directly. --- ### 3. Typical Application Circuit To use the LA5521D, a few external passive components are required to set the speed and gain. ```mermaid graph LR Vcc[Power Supply] --> IC[LA5521D] IC --> Motor IC --> R1[Speed Adjust Resistor] IC --> C1[Filter Capacitor] Motor --> GND ``` **Common external parts used with LA5521D:** 1. **Variable Resistor ($R_t$):** Used to adjust the motor speed manually. 2. **Bypass Capacitor ($C_{ref}$):** Usually around 10µF to 47µF to stabilize the internal reference voltage. 3. **Phase Compensation Capacitor:** Prevents high-frequency oscillations in the motor. --- ### 4. Advantages & Limitations #### **Advantages** * **Low Start-up Voltage:** Can operate on as little as two AA batteries (approx. 3V). * **Integrated Protection:** Includes thermal and current protection. * **Simplicity:** Minimal external component count reduces PCB footprint. #### **Limitations** * **Power Dissipation:** Because it is in a DIP-8 package, it cannot handle high-torque industrial motors without overheating. * **Obsolescence:** As digital motor controllers (PWM) have become standard, the LA5521D is increasingly considered a "legacy" part. ---
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the LA5521D DIP-8 package?
    • ⤷ How does the LA5521D compare to the AN6652 motor controller?
    • ⤷ Can the LA5521D be used to drive a brushless DC (BLDC) motor?