Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LA5521M

  • AI
    ## Overview of the LA5521M Integrated Circuit The **LA5521M** is a monolithic linear integrated circuit designed primarily as a **low-voltage DC motor speed controller**. It is commonly utilized in portable audio equipment, such as radio-cassette recorders and micro-cassette players, where maintaining a constant motor speed despite battery voltage fluctuations is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Units | | :--- | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8 to 8.0 | V | | **Quiescent Current (Iq)** | 1.2 (Typical) | mA | | **Reference Voltage (Vref)** | 1.15 to 1.35 | V | | **Max. Motor Current** | 700 | mA | | **Operating Temperature** | -20 to +80 | °C | | **Package Type** | MFP-8 / SOP-8 | - | --- ### 2. Core Functional Blocks The internal architecture of the LA5521M consists of several specialized electronic stages: 1. **Reference Voltage Generator:** Provides a stable internal voltage used to compare against the motor's back-electromotive force (EMF). 2. **Error Amplifier:** Compares the feedback from the motor with the reference voltage. It adjusts the output current to compensate for load changes. 3. **Current Limiter:** Protects the IC and the motor from damage during stall conditions or excessive mechanical load. 4. **Power Transistor:** An integrated output stage capable of driving the motor directly without external power transistors. --- ### 3. Pin Configuration (MFP-8 Package) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **Vcc** | Positive power supply input. | | 2 | **Control** | Connection for speed adjustment resistor. | | 3 | **Reference** | Connection for the reference voltage capacitor. | | 4 | **GND** | Common ground. | | 5 | **Output** | Current output to the motor. | | 6 | **Rt** | External resistor for setting the torque constant. | | 7 | **Vs** | Voltage sensing pin. | | 8 | **NC** | No internal connection. | --- ### 4. Typical Application Circuit Features To implement the LA5521M in a circuit, a few external components are required: * **Speed Adjustment Potentiometer:** Connected to the control pin to allow manual calibration of the motor RPM. * **Bypass Capacitors:** Usually a 0.1µF to 10µF capacitor is placed near the Vcc pin to filter out noise generated by the motor brushes. * **Shunt Resistor:** Used to sense the current flowing through the motor to provide feedback for the internal governor. ### 5. Notable Advantages * **Low Operating Voltage:** Works efficiently on 2-cell or 3-cell battery systems. * **High Stability:** Excellent frequency stability against temperature and voltage variations. * **Compactness:** The surface-mount (MFP-8) design saves significant PCB space in portable devices. ---
    ✨ Follow-up Questions
    • ⤷How does the LA5521M handle back-EMF feedback to regulate motor speed?
    • ⤷ What are the common failure symptoms of a faulty LA5521M in a cassette player?
    • ⤷ Are there any modern pin-to-pin compatible replacements for the LA5521M?