Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LA5537N

  • AI
    ## Overview of the LA5537N IC The **LA5537N** is a specialized monolithic integrated circuit (IC) primarily designed for **low-voltage DC motor speed control**. It is commonly found in battery-operated portable audio equipment, such as cassette recorders, radio-cassette players, and walkmans. ### Key Specifications | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8V to 8V | | **Maximum Output Current** | 700mA | | **Reference Voltage (Vref)** | Typically 1.2V | | **Package Type** | SIP-4 (Single In-line Package, 4 pins) | | **Manufacturer** | Sanyo (now part of ON Semiconductor) | --- ### Internal Functional Blocks The LA5537N contains several electronic sub-systems integrated into a single silicon chip to ensure stable motor rotation: 1. **Reference Voltage Generator:** Provides a stable voltage level regardless of fluctuations in the battery supply. 2. **Error Amplifier:** Compares the reference voltage with the feedback from the motor to adjust speed. 3. **Current Limiter:** Protects the IC and the motor from damage during stalls or heavy loads. 4. **Output Power Transistor:** A high-gain transistor capable of driving the motor directly. --- ### Pin Configuration (SIP-4) The device is simple to use due to its low pin count: | Pin Number | Function | Description | | :---: | :--- | :--- | | **1** | **Vcc** | Positive power supply input. | | **2** | **Control / Adj** | Connection for the speed adjustment resistor/potentiometer. | | **3** | **Motor (-)** | Output terminal connected to the motor. | | **4** | **GND** | Ground / Negative supply terminal. | --- ### Working Principle The LA5537N operates on the principle of **Back-EMF (Electromotive Force) feedback**. - As a motor spins, it generates a voltage proportional to its speed. - The IC monitors the current consumption and the voltage across the motor. - If the motor slows down due to mechanical load, the IC increases the output voltage to compensate, maintaining a constant RPM. - The specific speed is set by an external resistor ($R_t$) and a capacitor ($C_t$) which determine the gain of the internal feedback loop. --- ### Typical Application Circuit Example ```mermaid graph LR VCC((Vcc)) --> Pin1[Pin 1: Vcc] Pin2[Pin 2: Control] --- Pot[Potentiometer] Pot --- GND Pin3[Pin 3: Output] --- Motor[DC Motor] Motor --- VCC Pin4[Pin 4: GND] --- GND((GND)) ``` *Note: In most designs, a bypass capacitor (typically 10µF to 100µF) is placed between Vcc and GND to filter electrical noise generated by the motor.*
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative ICs for the LA5537N?
    • ⤷ How do you calculate the external resistor value for a specific RPM?
    • ⤷ Can the LA5537N be used with brushless DC motors?