AI

The **LD1-270-R** is a high-current, surface-mount (SMT) power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the LD series, designed for high density and efficiency in power conversion circuits.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the LD1-270-R:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 27.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~1.14 Amps (typical) |
| **Saturation Current (Isat)** | ~1.10 Amps (typical) |
| **DC Resistance (DCR)** | ~0.198 Ohms (max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMT) |
---
### 2. Physical Construction
The "LD" designation refers to the **Low Profile Drum Core** construction.
* **Core Material:** Ferrite. This ensures high efficiency and low core losses at high frequencies.
* **Shielding:** This specific series is generally **unshielded**. While this makes the part more cost-effective and provides a higher saturation current for its size, it requires careful PCB placement to avoid EMI (Electromagnetic Interference) with sensitive nearby components.
* **Terminations:** Matte tin over copper, providing excellent solderability for reflow processes.
---
### 3. Part Number Breakdown
The nomenclature for the LD series follows a specific logic:
* **LD1:** Refers to the physical size/dimension of the inductor (Size 1).
* **270:** Represents the inductance value in microhenries (µH). The first two digits are significant figures, and the third is the multiplier (10^0). Thus, $27 \times 1 = 27$ µH.
* **-R:** Indicates that the part is **RoHS compliant**.
---
### 4. Common Applications
Due to its balance of size and current handling, the LD1-270-R is commonly found in:
1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters.
2. **LED Drivers:** Providing constant current for lighting applications.
3. **Battery Powered Devices:** Ideal for handheld electronics due to the low-profile design.
4. **Filter Networks:** Used for noise suppression in power supply lines.
---
### 5. Design Considerations
* **Self-Resonant Frequency (SRF):** Ensure the operating frequency of your circuit is well below the SRF to maintain inductive behavior.
* **Thermal Management:** The $I_{rms}$ rating is based on a specific temperature rise (usually 40°C). If the ambient temperature is high, derating may be necessary.
* **Magnetic Flux:** Since it is unshielded, avoid placing sensitive high-impedance traces directly underneath the inductor.
- ⤷
What are the physical dimensions of the LD1 size package?
- ⤷ How does the saturation current (Isat) affect circuit performance compared to the rated current (Irms)?
- ⤷ Are there shielded alternatives to the LD1 series for EMI-sensitive designs?