LD1-680-R
AI

The **LD1-680-R** is a specific model of power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **LD series**, which are high-current, drum-core power inductors designed for surface mount (SMD) applications.
---
### 1. Key Technical Specifications
The "680" in the part number indicates the inductance value, while the "R" indicates RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 68 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.191 Ohms (Maximum) |
| **Saturation Current ($I_{sat}$)** | ~0.96 Amperes |
| **RMS Current ($I_{rms}$)** | ~1.20 Amperes |
| **Package / Case** | LD1 Size (approx. 4.45mm x 4.06mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The LD1 series uses a **Drum Core** design.
- **Core Material:** Ferrite, which provides high efficiency and low core losses at high frequencies.
- **Form Factor:** Low profile, surface mount device (SMD) with a rugged construction.
- **Termination:** Lead-free (RoHS) tin-plated copper leads.
---
### 3. Core Functions & Applications
The LD1-680-R is primarily used as an energy storage element or a filter component.
* **Energy Storage:** Used in DC-DC converters (Buck, Boost, or SEPIC) to store energy in the magnetic field during the switching cycle.
* **Filtering:** Acts as a low-pass filter to smooth out ripples in power supplies or to suppress electromagnetic interference (EMI).
* **Common Applications:**
* LED Drivers
* Battery-powered handheld devices
* Computer peripherals
* LCD displays and flat-panel TVs
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
| Segment | Meaning |
| :--- | :--- |
| **LD** | Low Profile / Drum Core Series |
| **1** | Size Code (Physical dimensions) |
| **680** | Inductance Code (68 x 10^0 = 68 µH) |
| **-R** | RoHS Compliant |
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ What are the recommended soldering profiles for the LD1 series?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?