Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LD2985L-A5-AF5-R

  • AI
    The **LD2985L-A5-AF5-R** is a specific low-dropout (LDO) linear voltage regulator manufactured by **Unisonic Technologies (UTC)**. It is designed to provide a stable, low-noise DC output from a higher input voltage, commonly used in battery-powered and portable electronics. --- ## 1. Technical Specifications The part number indicates a specific configuration. Below are the primary electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | 5.0V Fixed (indicated by "A5") | | **Max Output Current** | 150mA | | **Dropout Voltage** | ~280mV @ 150mA (Typical) | | **Input Voltage Range** | Up to 16V | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **Quiescent Current** | 80µA (Typical) | | **Accuracy** | ±2% | --- ## 2. Pinout Configuration The device comes in a 5-pin SOT package. The typical pin functions are: 1. **VIN**: Input Voltage. 2. **GND**: Ground Reference. 3. **ON/OFF (Enable)**: Logic controlled pin to shut down the regulator to save power. 4. **BYPASS**: Connecting a small capacitor here reduces output noise. 5. **VOUT**: Regulated 5.0V Output. --- ## 3. Key Electronic Features ### Low Dropout (LDO) Performance Unlike standard regulators (like the 7805), this LDO requires a very small difference between input and output voltage. This makes it highly efficient for systems where the input voltage is only slightly higher than 5V. ### Low Noise Operation The "L" series focuses on low-noise performance. By utilizing the **Bypass pin**, high-frequency ripples can be filtered out, making it suitable for sensitive RF (Radio Frequency) or audio circuits. ### Shutdown Mode The "Enable" pin allows the device to enter a sleep state where it draws virtually zero current (typically < 1µA), which is critical for extending battery life in mobile devices. --- ## 4. Typical Application Circuit To ensure stability, the LD2985L requires external capacitors. ```markdown [Input Voltage] ----[ VIN ]-------[ VOUT ]---- [5V Output] | | [1uF Cap] [2.2uF Cap] | | [GND] [GND] ``` * **Input Capacitor ($C_{in}$):** Typically 1µF to compensate for line impedance. * **Output Capacitor ($C_{out}$):** Minimum 2.2µF (Low ESR tantalum or ceramic) is required for loop stability. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage the LD2985L can handle safely?
    • ⤷ How does the Bypass pin help in reducing output noise?
    • ⤷ Can this regulator be used with ceramic capacitors?