LD2985L-B5-AF5-R
AI

## Detailed Overview: LD2985L-B5-AF5-R
The **LD2985L-B5-AF5-R** is a specific variant of a Low Dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while maintaining a very low "dropout" voltage (the minimum difference required between input and output for the device to function).
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | LDO Linear Voltage Regulator |
| **Output Voltage** | 5.0V (Fixed) |
| **Maximum Output Current** | 150 mA |
| **Dropout Voltage** | ~280 mV @ 150 mA |
| **Input Voltage Range** | Up to 16V |
| **Package Type** | SOT-23-5 |
| **Operating Temperature** | -40°C to +125°C |
| **Quiescent Current** | ~80 µA (Typical) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the exact features of the chip:
* **LD2985**: The series name (Ultra-low drop voltage regulators).
* **L**: Low noise version.
* **B5**: Indicates a **5.0V** fixed output voltage.
* **AF5**: Refers to the **SOT-23-5** package type.
* **R**: Tape and Reel packaging (standard for automated SMT assembly).
---
### 3. Pin Configuration (SOT-23-5)
The device typically follows a standard 5-pin layout for LDOs:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **ON/OFF** | Shutdown Control (High = ON, Low = OFF) |
| 4 | **BYPASS** | Noise Bypass (requires a capacitor for low noise) |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Application and Usage
This part is commonly used in portable, battery-powered electronics where space is limited and power efficiency is critical.
* **Noise Sensitive Circuits:** Due to the bypass pin, it is excellent for powering RF modules or precision analog sensors.
* **Battery Power Management:** The low quiescent current extends battery life when the device is in standby.
* **Standard Circuits:**
```text
Input Cap (1uF) --- [VIN] [VOUT] --- Output Cap (2.2uF Low ESR)
[GND]
```
*Note: A low-ESR ceramic or tantalum capacitor is required at the output for stability.*
---
- ⤷
What are the recommended values for the bypass capacitor to minimize noise?
- ⤷ Can this regulator handle an input voltage of 12V continuously?
- ⤷ What is the specific behavior of the ON/OFF pin regarding logic thresholds?