LDR1825K7-R
AI

### LDR1825K7-R: Component Overview
The **LDR1825K7-R** is a specific surface-mount electronic component, typically categorized as a **Low Dropout (LDO) Linear Voltage Regulator**. It is designed to provide a stable output voltage even when the input voltage is very close to the output voltage.
---
### Technical Specifications
The following table outlines the typical electrical characteristics for this series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | LDO Linear Voltage Regulator |
| **Output Voltage** | 1.8V to 2.5V (depending on specific sub-coding) |
| **Input Voltage Range** | Up to 6.0V - 10.0V (Series dependent) |
| **Output Current** | 500mA to 800mA |
| **Package Type** | SOT-223 or TO-252 (DPAK) |
| **Operating Temp** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### Key Electronic Functions
1. **Low Dropout Voltage:**
Unlike standard regulators (like the 7805), the LDR series can maintain regulation with a very small voltage differential between input and output, enhancing efficiency and reducing heat.
2. **Voltage Regulation:**
It acts as a buffer to protect sensitive downstream components (like microcontrollers) from voltage spikes and ripples in the power supply.
3. **Thermal Protection:**
Most parts in this family include internal thermal shutdown circuitry to prevent the chip from burning out if it draws too much current.
---
### Pin Configuration (SOT-223 Example)
In a standard SOT-223 package, the pinout usually follows this structure:
```text
Pin 1: Input (Vin)
Pin 2: Ground (GND) / Tab
Pin 3: Output (Vout)
```
---
### Common Applications
* **Battery Powered Devices:** Due to the low dropout nature, it maximizes battery life.
* **Post-Regulation:** Used after a switching regulator to "clean up" noise for analog sensors.
* **Consumer Electronics:** Providing 1.8V or 2.5V rails for memory chips (DDR) and CPUs.
- ⤷
What is the maximum input voltage for the LDR1825K7-R?
- ⤷ How does an LDO differ from a standard switching regulator?
- ⤷ What capacitor values are recommended for the input and output pins of this LDO?