LDR1833PT-R
AI

The **LDR1833PT-R** is a high-performance, low-dropout (LDO) linear voltage regulator specifically designed to provide a stable 3.3V output from a 1.8V input (or higher, depending on the specific configuration). It is commonly used in battery-powered devices and digital circuits where efficiency and noise suppression are critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the LDR1833PT-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.3 V (Fixed) |
| **Input Voltage ($V_{in}$)** | Up to 14 V (Absolute Max) |
| **Output Current ($I_{out}$)** | Up to 500 mA - 1 A (Series dependent) |
| **Dropout Voltage** | Low (typically ~0.5V at full load) |
| **Package Type** | PPAK / DPAK (Surface Mount) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The LDR1833PT-R operates by comparing the output voltage against an internal reference. Because it is a **Low Dropout (LDO)** regulator, it can maintain a stable output even when the input voltage is only slightly higher than the desired output.
#### Internal Protection Features:
* **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits.
* **Current Limiting:** Protects the regulator and the load from short-circuit conditions.
* **Low Quiescent Current:** Minimizes power consumption when the device is in an idle state, extending battery life.
---
### 3. Application Circuit Example
A typical implementation requires minimal external components, usually just decoupling capacitors to ensure stability and filter high-frequency noise.
```mermaid
graph LR
Vin[Input Voltage] --> C1[Capacitor 10uF]
C1 --> LDR[LDR1833PT-R]
LDR --> C2[Capacitor 22uF]
C2 --> Vout[3.3V Output]
LDR --- GND[Ground]
```
---
### 4. Common Use Cases
1. **Microcontroller Power Supply:** Providing clean 3.3V power to ARM Cortex or ESP32 modules.
2. **Post-Regulation:** Used after a Switching Regulator (Buck Converter) to remove ripple voltage and noise.
3. **Battery Management:** Ideal for Li-ion or Li-Po powered systems where voltage drops as the battery discharges.
- ⤷What is the difference between an LDO like the LDR1833 and a standard Buck converter?
- ⤷ What are the recommended capacitor types (Ceramic vs Electrolytic) for this regulator?
- ⤷ How do I calculate the heat dissipation for this component in my circuit?