LM317AL-AA3-R
AI

## Technical Overview of LM317AL-AA3-R
The **LM317AL-AA3-R** is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100mA over an output voltage range of 1.25V to 37V. It is a low-current version of the popular LM317 series, specifically designed for applications where high precision and low quiescent current are required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage Range** | 1.25V to 37V |
| **Output Current** | 100mA (Max) |
| **Input-Output Differential** | 40V (Max) |
| **Reference Voltage** | 1.25V (Typical) |
| **Package Type** | SOT-223 |
| **Operating Temperature** | -40°C to +125°C |
| **Line Regulation** | 0.01% / V |
---
### 2. Pin Configuration (SOT-223)
The "AA3" in the part number indicates the SOT-223 package, which is commonly used for surface-mount designs requiring moderate heat dissipation.
1. **ADJ (Adjust):** Used to set the output voltage via a resistor divider.
2. **Vout (Output):** The regulated output voltage (internally connected to the large tab).
3. **Vin (Input):** The unregulated input voltage.
---
### 3. Circuit Operation
The LM317AL develops a nominal 1.25V reference voltage ($V_{ref}$) between the output and the adjustment terminal. This is used to maintain a constant current through an external resistor divider.
#### Voltage Calculation Formula:
The output voltage is determined by the following formula:
```math
V_{out} = 1.25V \times (1 + \frac{R_2}{R_1}) + (I_{adj} \times R_2)
```
* **$R_1$:** Usually $240\Omega$ or $120\Omega$ (connected between Vout and ADJ).
* **$R_2$:** Variable or fixed resistor (connected between ADJ and Ground).
* **$I_{adj}$:** Typically very small ($50\mu A$), often ignored in basic calculations.
---
### 4. Part Number Breakdown: `LM317AL-AA3-R`
* **LM317:** Base model for adjustable positive linear regulators.
* **A:** High-accuracy version (tighter reference voltage tolerance).
* **L:** Low current version (100mA vs. the standard 1.5A).
* **AA3:** Package code for **SOT-223**.
* **R:** Tape & Reel packaging for automated assembly.
---
### 5. Essential Design Considerations
* **Stability:** It is highly recommended to use a **0.1µF disc capacitor** on the input if the device is far from the power supply filter. An optional **1µF tantalum capacitor** on the output improves transient response.
* **Protection Diodes:** When using large output capacitors, it is best practice to add protection diodes to prevent the capacitors from discharging back into the regulator during a short circuit.
* **Thermal Management:** Although the "L" version is low current, the SOT-223 package requires adequate copper area on the PCB for heat sinking if the voltage drop $(V_{in} - V_{out})$ is high.
- ⤷What is the difference between the LM317L and the standard LM317?
- ⤷ How do I calculate the power dissipation for the SOT-223 package?
- ⤷ Can the LM317AL be used as a constant current regulator?