LM4880-SH2-R
AI

## LM4880-SH2-R: Electronic Specifications and Overview
The **LM4880-SH2-R** is a dual audio power amplifier primarily designed for headphone applications. It is part of the "Boomer" series, known for high-quality audio reproduction with minimal external components.
---
### 1. Key Technical Specifications
The following table summarizes the core electrical characteristics of the LM4880:
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 250mW (per channel) into 8Ω |
| **Supply Voltage Range** | 2.7V to 5.5V |
| **THD + N** | 0.1% (at 1kHz) |
| **Shutdown Current** | 0.7µA (typical) |
| **PSRR** | 52dB at 1kHz |
| **Package Type** | SOP-8 (SH2 suffix) |
---
### 2. Core Features
* **Unity-Gain Stable:** The amplifier can be configured for various gain settings without oscillating.
* **Low Shutdown Current:** The device features a shutdown mode that reduces power consumption significantly, making it ideal for battery-operated devices.
* **No Bootstrap Capacitors:** The design eliminates the need for bulky output coupling capacitors or bootstrap capacitors in some configurations, saving PCB space.
* **Click and Pop Suppression:** Integrated circuitry minimizes audible noise during power-up and power-down cycles.
---
### 3. Pin Configuration (SOP-8)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Shutdown** | Logic high shuts down the device |
| 2 | **Input A** | Inverting input for channel A |
| 3 | **Input B** | Inverting input for channel B |
| 4 | **Output A** | Audio output for channel A |
| 5 | **Output B** | Audio output for channel B |
| 6 | **Vdd** | Positive Supply |
| 7 | **GND** | Ground |
| 8 | **BYPASS** | Tap to Vdd/2 for bias stability |
---
### 4. Typical Application Circuit
To implement the LM4880, a simple closed-loop configuration is typically used:
```text
Input Signal -> [Input Capacitor Ci] -> [Input Resistor Ri] -> Pin 2/3
Feedback Resistor Rf -> Connected between Pin 4/5 and Pin 2/3
```
**Gain Calculation:**
The gain of the amplifier is determined by the ratio of the feedback resistor ($R_f$) to the input resistor ($R_i$):
`Gain = - (Rf / Ri)`
---
### 5. Common Applications
* Portable electronic devices (MP3 players, handheld games).
* Laptop and desktop computer audio.
* Headphone amplifier modules.
* Mobile communication devices.
- ⤷
What is the significance of the 'SH2-R' suffix in the part number?
- ⤷ How does the BYPASS pin affect the audio quality and startup time?
- ⤷ What is the recommended value for the input coupling capacitor to maintain bass response?